Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I622S00EG-16-TT Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3I622S00EG-16-TT
Description  Low Frequency Peak EMI Reduction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3I622S00EG-16-TT Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3I622S00EG-16-TT Datasheet HTML 1Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 2Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 3Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 4Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 5Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 6Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 7Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 8Page - ON Semiconductor ASM3I622S00EG-16-TT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ASM3P622S00B, ASM3P622S00E
http://onsemi.com
4
Pin Configuration for ASM3P622S00E
16
15
14
13
12
11
10
9
CLKOUT
CLKOUT7
CLKOUT6
VDD
GND
CLKOUT5
CLKOUT4
SSON
ASM3P622S00E
1
2
3
4
5
6
7
8
CLKIN
CLKOUT1
VDD
SS%
GND
CLKOUT2
CLKOUT3
DLY_CTRL
Table 2. PIN DESCRIPTION FOR ASM3P622S00E
Pin #
Pin Name
Type
Description
1
CLKIN (Note 5)
I
External reference Clock input, 5 V tolerant input
2
CLKOUT1 (Note 6)
O
Buffered clock output (Note 8)
3
VDD
P
3.3 V supply
4
SS% (Note 7)
I
Spread Spectrum Selection. Refer to Spread Spectrum Control and
Input−Output Skew Table. Has an internal pull up resistor.
5
GND
P
Ground
6
CLKOUT2 (Note 6)
O
Buffered clock output (Note 8)
7
CLKOUT3 (Note 6)
O
Buffered clock output (Note 8)
8
DLY_CTRL
O
External Input−Output Delay control.
9
SSON (Note 7)
I
Spread Spectrum enable and disable option. When SSON is HIGH, the spread spectrum
is enabled and when LOW, it turns off the spread spectrum. Has an internal pull up resistor.
10
CLKOUT4 (Note 6)
O
Buffered clock output (Note 8)
11
CLKOUT5 (Note 6)
O
Buffered clock output (Note 8)
12
GND
P
Ground
13
VDD
P
3.3 V supply
14
CLKOUT6 (Note 6)
O
Buffered clock output (Note 8)
15
CLKOUT7 (Note 6)
O
Buffered clock output (Note 8)
16
CLKOUT (Note 6)
O
Buffered clock output (Note 8)
5. Weak pull down
6. Weak pull−down on all outputs
7. Weak pull−up on these Inputs
8. Buffered clock output is Timing−Safe
Table 3. SPREAD SPECTRUM CONTROL AND INPUT−OUTPUT SKEW TABLE
Device
Input Frequency
SS %
Deviation
Input−Output Skew (±TSKEW)
ASM3P622S00B/E
12 MHz
0
±0.25 %
0.0625 (Note 9)
1
±0.50 %
0.125 (Note 9)
9. TSKEW is measured in units of the Clock Period


Similar Part No. - ASM3I622S00EG-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3I622S00EG-16-TT PULSECORE-ASM3I622S00EG-16-TT Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3I622S00EG-16-TT PULSECORE-ASM3I622S00EG-16-TT Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results

Similar Description - ASM3I622S00EG-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
PCS3P625Z05B ONSEMI-PCS3P625Z05B Datasheet
168Kb / 13P
   High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P624Z05B ONSEMI-PCS3P624Z05B Datasheet
174Kb / 13P
   High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S01B PULSECORE-ASM3P622S01B Datasheet
489Kb / 12P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00A PULSECORE-ASM3P622S00A Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P622Z05B PULSECORE-PCS3P622Z05B Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com