Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE512C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE512C
Description  Low Quiescent Current: 100uA at 5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE512C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE512C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ACE512C
1.5A Linear Regulator
VER 1.1
4
Typical Performance Characteristic
Load Regulation
Load Regulation
(Vout=3.3v)
(Vout=1.2v)
Iout(A)
Iout(A)
Line Regulation
Iq
Vin(V)
Vin(V)
Dropout Voltage
Vout vs. Temperature
Iout(A)
Temperature(℃)


Similar Part No. - ACE512C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ACGM+H ACE-ACE510ACGM+H Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ADGM+H ACE-ACE510ADGM+H Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510AEGM+H ACE-ACE510AEGM+H Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510BCGM+H ACE-ACE510BCGM+H Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
More results

Similar Description - ACE512C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
logo
Linear Technology
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
   Low quiescent current
June 2015 Rev 10
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
   Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
   Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
   Low quiescent current
logo
Texas Instruments
LM2936-5.0EP TI1-LM2936-5.0EP Datasheet
512Kb / 16P
[Old version datasheet]   LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
logo
Linear Technology
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com