Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE721E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE721E
Description  1A, 1.5MHz Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE721E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE721E
1A, 1.5MHz Step-Down Converter
VER 1.3
2
Typical Application
1.8V/1A 1.5MHz Step-Down Converter
Packaging Type
SOT-23-5
DFN2*2-6L
Ordering information
ACE721E XX + H
SOT-23-5
DFN2*2-6
Description
Function
1
2
EN
Enable pin for the IC. Drive this pin high to enable the part, low to
disable.
2
1 / 5 / 7
GND
Ground
3
4
SW
Inductor Connection. Connect an inductor Between SW and the
regulator output.
4
3
IN
Supply Voltage. Bypass with a
10μF ceramic capacitor to GND
5
6
FB
Feedback Input. Connect an external resistor divider from the
output to FB and GND to set the output to a voltage between 0.6V
and VIN
Halogen - free
BN : SOT-23-5
MN: DFN2*2-6
Pb - free
Efficiency Vs IOUT


Similar Part No. - ACE721E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
   1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
   18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
   High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
   High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
   18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE721E

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com