Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE6344B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE6344B
Description  N and P-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6344B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE6344B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACE6344B
N&P-Channel Enhancement Mode MOSFET
VER 1.1
6
Electrical Characteristics (P-Channel)(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0V
-1
uA
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-0.4
-0.7
-1
V
Gate Leakage Current
IGSS
VGS=±12V ,VDS=0V
±100
nA
Drain-Source On Resistance
RDS(ON)
VGS=-4.5V, ID=-2.5A
80
110
m
Ω
VGS=-2.5V, ID=-2A
110
140
m
Ω
Forward Transconductance
gFS
VDS=-5V, ID=-2.5A
9.5
S
Diode Forward Voltage
VSD
ISD=-3A, VGS=0V
-1.2
V
Maximum Body-Diode
Continuous Current
IS
-2.5
A
Switching
Total Gate Charge
Qg
VGS=-4.5V,VDS=-10V,
ID=-2A
3.2
nC
Gate-Source Charge
Qgs
0.6
Gate-Drain Charge
Qgd
0.9
Turn-On Delay Time
td(on)
VDD=-10V, RL=5Ω,
ID=-2A, VGEN=-4.5V,
RG=3Ω
11
ns
Turn-On Rise Time
tr
5.5
Turn-Off Delay Time
td(off)
22
Turn- Off Rise Time
tf
8
Dynamic
Input Capacitance
Ciss
VGS=-10V,VGS=0V,
F=1.0MHZ
325
pF
Output Capacitance
Coss
63
Reverse Transfer capacitance
Crss
37
Note:
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.


Similar Part No. - ACE6344B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE634 ACE-ACE634 Datasheet
1Mb / 9P
   20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE6344B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com