Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8880 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8880
Description  ISO2-CMOS Integrated DTMFTransceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8880 Datasheet HTML 1Page - Mitel Networks Corporation MT8880 Datasheet HTML 2Page - Mitel Networks Corporation MT8880 Datasheet HTML 3Page - Mitel Networks Corporation MT8880 Datasheet HTML 4Page - Mitel Networks Corporation MT8880 Datasheet HTML 5Page - Mitel Networks Corporation MT8880 Datasheet HTML 6Page - Mitel Networks Corporation MT8880 Datasheet HTML 7Page - Mitel Networks Corporation MT8880 Datasheet HTML 8Page - Mitel Networks Corporation MT8880 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
4-33
®
MT8880C/MT8880C-1
Integrated DTMF Transceiver
Features
Complete DTMF transmitter/receiver
Central office quality
Low power consumption
Microprocessor port
Adjustable guard time
Automatic tone burst mode
Call progress mode
Applications
Credit card systems
Paging systems
Repeater systems/mobile radio
Interconnect dialers
Personal computers
Description
The MT8880C/C-1 is a monolithic DTMF transceiver
with call progress filter. It is fabricated in Mitel’s
ISO2-CMOS technology, which provides low power
dissipation and high reliability. The DTMF receiver is
based
upon
the
industry
standard
MT8870
monolithic DTMF receiver; the transmitter utilizes a
switched capacitor D/A converter for low distortion,
high accuracy DTMF signalling. Internal counters
provide a burst mode such that tone bursts can be
transmitted with precise timing. A call progress filter
can be selected allowing a microprocessor to
analyze
call
progress
tones.
A
standard
microprocessor bus is provided and is directly
compatible with 6800 series microprocessors. The
MT8880C-1 is functionally identical to the MT8880C
except for the performance of the receiver section,
which is enhanced to accept and reject lower signal
levels.
Ordering Information
MT8880CE/CE-1
20 Pin Plastic DIP
MT8880CC/CC-1
20 Pin Ceramic DIP
MT8880CS/CS-1
20 Pin SOIC
MT8880CN/CN-1
24 Pin SSOP
MT8880CP/CP-1
28 Pin Plastic LCC
-40°C to +85°C
Figure 1 - Functional Block Diagram
TONE
IN+
IN-
GS
OSC1
OSC2
VDD VRef
VSS
ESt
St/GT
D0
D1
D2
D3
IRQ/CP
Φ2
CS
R/W
RS0
D/A
Converters
Row and
Column
Counters
Transmit Data
Register
Data
Bus
Buffer
Tone Burst
Gating Cct.
+
-
Oscillator
Circuit
Bias
Circuit
Control
Logic
Digital
Algorithm
and Code
Converter
Control
Logic
Steering
Logic
Status
Register
Control
Register
A
Control
Register
B
Receive Data
Register
Interrupt
Logic
I/O
Control
Low Group
Filter
High Group
Filter
Dial
Tone
Filter
ISSUE 2
May 1995
ISO2-CMOS


Similar Part No. - MT8880

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   Integrated DTMFTransceiver
MT8880CC/CC-1 MITEL-MT8880CC/CC-1 Datasheet
312Kb / 18P
   Integrated DTMFTransceiver
MT8880CE/CE-1 MITEL-MT8880CE/CE-1 Datasheet
312Kb / 18P
   Integrated DTMFTransceiver
MT8880CN/CN-1 MITEL-MT8880CN/CN-1 Datasheet
312Kb / 18P
   Integrated DTMFTransceiver
MT8880CP/CP-1 MITEL-MT8880CP/CP-1 Datasheet
312Kb / 18P
   Integrated DTMFTransceiver
More results

Similar Description - MT8880

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   Integrated DTMFTransceiver
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
MT9196 MITEL-MT9196 Datasheet
442Kb / 38P
   ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
MT8889C MITEL-MT8889C Datasheet
356Kb / 18P
   Integrated DTMFTransceiver with Adaptive Micro Interface
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171 Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8840 MITEL-MT8840 Datasheet
56Kb / 8P
   ISO2-CMOS Data Over Voice Modem
MT88L89 MITEL-MT88L89 Datasheet
352Kb / 20P
   3V Integrated DTMFTransceiver with Adaptive Micro Interface
MT8885 MITEL-MT8885 Datasheet
350Kb / 20P
   Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com