Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8920BE Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8920BE
Description  ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8920BE Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8920BE Datasheet HTML 3Page - Mitel Networks Corporation MT8920BE Datasheet HTML 4Page - Mitel Networks Corporation MT8920BE Datasheet HTML 5Page - Mitel Networks Corporation MT8920BE Datasheet HTML 6Page - Mitel Networks Corporation MT8920BE Datasheet HTML 7Page - Mitel Networks Corporation MT8920BE Datasheet HTML 8Page - Mitel Networks Corporation MT8920BE Datasheet HTML 9Page - Mitel Networks Corporation MT8920BE Datasheet HTML 10Page - Mitel Networks Corporation MT8920BE Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
CMOS
MT8920B
3-9
Table 2. Mode 1 Address Map
NOTES:
X is don’t care
A6 is bit D4 of Control Register 1
Table 3.
Control Register 1 Bit Definitions
ADDRESS BITS
REGISTERS
A6
A5
A4
A3
A2
A1
A0
READ
WRITE
0
0
0
0
0
1
0
1
0
1
0
1
0
1
Rx0 - Channel 0
Rx0 - Channel 31
Tx0 - Channel 0
Tx0 - Channel 31
X
1
00000
Control Register 1
Control Register 1
X
1
00001
Control Register 2
Control Register 2
X
1
00010
Interrupt Vector Register
Interrupt Vector Register
X
1
00100
Interrupt Flag Register 1
-
X
1
00101
Interrupt Flag Register 2
-
X
1
00110
Image Register 1
-
X
1
00111
Image Register 2
-
X
1
01000
Interrupt Mask Register 1
Interrupt Mask Register 1
X
1
01001
Interrupt Mask Register 2
Interrupt Mask Register 2
X
1
01010
Match Byte Register 1
Match Byte Register 1
X
1
01011
Match Byte Register 2
Match Byte Register 2
X
1
01100
Interrupt Channel Address 1
Interrupt Channel Address 1
X
1
01101
Interrupt Channel Address 2
Interrupt Channel Address 2
1
1
0
0
0
1
0
1
0
1
0
1
0
1
Rx0 - Channel 0
Rx0 - Channel 31
Tx1 - Channel 0
Tx1 - Channel 31
Bit
Name
Description
7
(Unused)
6
IRQRST
Interrupt Reset. This bit, when set high, automatically clears the Interrupt Flag Register
and the Interrupt Image Register without these registers being serviced. This bit
automatically resets to zero after the register clear is completed.
5
RAMCON
RAM Configuration.
This bit configures Tx0, Tx1 and Rx0 RAMS for 32 or 24 byte
operation. D5 = 0 for 32 channel; D5 = 1 for 24 channel.
4A6
Address Bit A6.
This bit extends the addressing range for access to Tx1 memory.
3
IRQ2MODE
Interrupt Source 2 Mode Select. This bit configures the source 2 interrupt generator.
D3 = 0 selects “static” interrupt mode; D3 = 1 selects “dynamic” interrupt mode.
2
IRQ1MODE
Interrupt Source 1 Mode Select. This bit configures the source 1 interrupt generator.
D2 = 0 selects “static” interrupt mode; D2 = 1 selects “dynamic” interrupt mode.
1
IRQ2EN
Interrupt Source 2 Enable. IRQ2EN = 1 enables interrupts to occur from source 2.
0
IRQ1EN
Interrupt Source 1 Enable. IRQ1EN = 1 enables interrupts to occur from source 1.


Similar Part No. - MT8920BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920BE MITEL-MT8920BE Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8920BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981DE ZARLINK-MT8981DE Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com