Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8920BP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8920BP
Description  ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8920BP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8920BP Datasheet HTML 1Page - Mitel Networks Corporation MT8920BP Datasheet HTML 2Page - Mitel Networks Corporation MT8920BP Datasheet HTML 3Page - Mitel Networks Corporation MT8920BP Datasheet HTML 4Page - Mitel Networks Corporation MT8920BP Datasheet HTML 5Page - Mitel Networks Corporation MT8920BP Datasheet HTML 6Page - Mitel Networks Corporation MT8920BP Datasheet HTML 7Page - Mitel Networks Corporation MT8920BP Datasheet HTML 8Page - Mitel Networks Corporation MT8920BP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MT8920B CMOS
3-6
Functional Description
The STPA (ST-BUS Parallel Access) device provides
a simple interface between Mitel’s ST-BUS and
parallel system environments.
The ST-BUS is a
synchronous,
time
division,
multiplexed
serial
bussing scheme with data streams operating at 2048
kbit/s. The ST-BUS is the primary means of access
for voice, data and control information to Mitel’s
family of digital telecommunications components,
including North American and European digital trunk
interfaces, ISDN U and S digital line interfaces, filter
codecs, rate adapters, etc.
The STPA provides
several modes of operation optimized according to
the type of information being handled.
For interfacing parallel data and control information
to the ST-BUS, such as signalling and link control for
digital trunks, the STPA provides a
µP access mode
(Mode 1), and looks like a 68000 type peripheral. In
this mode, the device provides powerful interrupt
features, useful in monitoring digital trunk or line
status (i.e., synchronization, alarms, etc.) or for
setting up message communication links between
microprocessors.
To interface high speed data or multi-channel voice/
data to the ST-BUS for switching or transmission, the
STPA has a high speed synchronous access mode
(Mode 2) and acts like a fast RAM. For voice storage
and forward, bulk data transfer, data buffering and
other
similar
applications,
the
STPA
has
a
controllerless mode (Mode 3) in which it provides
address and control signals to the parallel bus This
is useful for performing direct transfers to the
ST-BUS from external devices such as a RAM buffer.
The STPA is a two port device as shown in the
functional block diagram in Figure 1. The parallel
port provides direct access to three dual port RAM’s,
two transmit and one receive. The address, data and
control busses are used to communicate between
the RAM‘s and a parallel environment.
Two
parallel-to-serial
converters,
and
one
serial-to-parallel converter interface the dual port
RAM’s to the ST-BUS port of the STPA. This port
consists of two serial output streams and one serial
input
stream
operating
at
2048
kbit/s.
This
configuration of two outputs and one input was
designed to allow a single STPA to form a complete
control interface to Mitel’s digital trunk interfaces
(MT8976, MT8978 and MT8979) which have two
serial input and one serial output control streams.
ST-BUS clocking circuitry, address generator and
various control and interrupt registers complete the
STPA’s functionality.
Modes of Operation
The three basic modes of operation,
µP Peripheral
Mode (Mode 1), Fast RAM Mode (Mode 2) and Bus
Controller Mode (Mode 3) are selected using two
external input pins. These inputs are MMS and MS1
and are decoded as shown in Table 1.
Whenever
MMS=1 the device resides in Mode 1. In this mode,
MS1 pin is unavailable and is used for a different
function.
When MMS=0, Modes 2 or 3 are selected as
determined by input MS1.
If MS1=1, Mode 2 is
selected and if MS1 =0, Mode 3 is selected.
Each of the modes of the STPA provides a different
pinout to ease interfacing requirements of different
parallel environments. These are shown in Figure 3
below.
In
µP Peripheral Mode the device uses
interface signals consistent with a 68000-type
µP
bus. Mode 2, Fast RAM Mode, uses signals typical
of standard RAM type interfaces. Mode 3 interface
signals are very similiar to Mode 2 signals except
that the address and control signals are supplied as
outputs by the STPA.
Figure 3 - Modes 1, 2, 3 Pin Connections
µP Peripheral Mode #1
Fast RAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
C4i
F0i
IACK
STi0
CS
DS
R/W
A0
A1
A2
A3
A4
A5
VSS
VDD
MMS
DTACK
IRQ
STo1
STo0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
C4i
F0i
MS1
STi0
CS
OE
R/W
A0
A1
A2
A3
A4
A5
VSS
VDD
MMS
BUSY
24/32
STo1
STo0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
C4i
F0i
MS1
STi0
CS
OE
WE
A0
A1
A2
A3
A4
STCH
VSS
VDD
MMS
DCS
24/32
STo1
STo0
D7
D6
D5
D4
D3
D2
D1
D0
Mode #2
Bus Controller Mode #3


Similar Part No. - MT8920BP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920BP MITEL-MT8920BP Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8920BP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981DE ZARLINK-MT8981DE Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com