Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8920 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8920
Description  ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8920 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8920 Datasheet HTML 6Page - Mitel Networks Corporation MT8920 Datasheet HTML 7Page - Mitel Networks Corporation MT8920 Datasheet HTML 8Page - Mitel Networks Corporation MT8920 Datasheet HTML 9Page - Mitel Networks Corporation MT8920 Datasheet HTML 10Page - Mitel Networks Corporation MT8920 Datasheet HTML 11Page - Mitel Networks Corporation MT8920 Datasheet HTML 12Page - Mitel Networks Corporation MT8920 Datasheet HTML 13Page - Mitel Networks Corporation MT8920 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MT8920B CMOS
3-12
Interrupt Modes and Servicing
Static Interrupt Mode
A static interrupt is caused when an incoming byte
matches a predefined byte. The incoming byte from
a selected channel is stored in Interrupt Image
Register (1/2) where it is compared with the contents
of the corresponding Match Byte Register.
The
result of the comparison of individual bits is masked
by the contents of the Mask Register (1/2) before it
is used to generate an IRQ.
After a static interrupt
occurs, information in the Interrupt Image Register is
frozen until the
µP performs a read operation on this
register.
When servicing static interrupts assertion of IACK
will cause the contents of the Vector Register, with
the IRQ1 or IRQ2 bit set, to be output on the data
bus. The service routine can subsequently clear IRQ
by
reading
the
Interrupt
Image
Register.
Alternatively, the IRQRST bit in Control Register 1
can be set to clear the associated interrupt registers.
Static Interrupts are selected using IRQ1MODE and
IRQ2MODE bits in Control Register 1. Interrupts are
then enabled to the IRQ pin with IRQ1EN and
IRQ2EN bits of the same register.
Dynamic Interrupt Mode
A dynamic interrupt is generated by a change of
state of bits in a selected channel. A 0 to 1 transition
or a 1 to 0 transition or a simple change of state from
the previous state (toggle) can be detected.
The
type of transition to be detected is selected using two
bits, one from the Match Byte Register (1/2) and one
from the Interrupt Mask Register (1/2), in the
corresponding bit positions. Table 5 shows how the
two registers are programmed.
Table 5 - Dynamic Interrupt Types
For example, the following steps are required to
generate an interrupt when bit D3 of channel 4
changes state from 0 to 1 (all other bits are masked):
(channel 4 of STi0 selected)
(When bit D3 toggles 0 to 1)
Dynamic interrupts from interrupt path 1 would then
be enabled using the Control Register 1.
This would cause interrupt 1 path to be enabled
while interrupt 2 path is disabled.
As with static interrupts, upon serving a dynamic
interrupt, assertion of IACK will cause the contents
of the Vector Register, with the appropriate path bit
set, to be output on the data bus. The information
contained in the channel is frozen in the Interrupt
Image Register.
To clear a dynamic interrupt,
however, the
µP must read the Interrupt Flag
Register of the path responsible for the interrupt to
determine which bit caused the interrupt. The bit in
the corresponding position will be set to 1 and
reading this register will clear its contents.
Alternatively, as with static interrupts, the IRQRST bit
in Control Register 1 can be set to clear the Image
Interrupt Register, Flag Register and path bits in the
Vector Register.
Dynamic Interrupts are selected using IRQ1MODE
and IRQ2MODE bits in Control Register 1 and are
enabled using IRQ1EN and IRQ2EN in the same
register.
MMS Pin Reset
The STPA can be RESET in Mode 1 using the MMS
pin (27). Applying a low pulse (0V) to MMS after
power is applied to the device will reset all control
and interrupt registers to 0016.
This can be
accomplished on power up with a simple R-C circuit
as shown in Figure 8.
Figure 8 - MMS Reset Function
Match
Byte
Register
bit DX
Mask
Byte
Register
bit DX
Transition Type Detected
on Incoming bit DX
(x = 0 ....7)
0
0
1
1
0
1
0
1
Mask Bit DX
0 to 1 transition
1 to 0 transition
Toggle
D7 D6 D5 D4 D3 D2 D1 D0
Channel Address Register 1 =
00000100
Match Byte Register 1 =
00000000
Interrupt Mask Register 1 =
00001000
Control Register 1 =
00000101
VDD
R
MMS
STPA
27
C


Similar Part No. - MT8920

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920BE MITEL-MT8920BE Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920BP MITEL-MT8920BP Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920BS MITEL-MT8920BS Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8920

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981DE ZARLINK-MT8981DE Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com