Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N4123DUR-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N4123DUR-1
Description  SILICON 400mA LOW NOISE ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N4123DUR-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N4123DUR-1 Datasheet HTML 1Page - Microsemi Corporation JANTX1N4123DUR-1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
111
• 1N4099UR-1 THRU 1N4135UR-1 AVAILABLE IN
JAN, JANTX, JANTXV AND
JANS
PER MIL-PRF-19500/435
• LEADLESS PACKAGE FOR SURFACE MOUNT
• LOW CURRENT OPERATION AT 250
µA
• METALLURGICALLY BONDED
• DOU-
1N4099UR-1
thru
1N4135UR-1
and
CDLL4099 thru CDLL4135
MAXIMUM RATINGS
Junction and Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ TEC = +125°C
Power Derating: 10mW/ °C above TEC = +125°C
Forward Derating @ 200 mA: 1.1 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100
°C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
CDI
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
TYPE
ZENER
TEST
ZENER
LEAKAGE
ZENER
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
CURRENT
VZ @ lZT
lZT
ZZT
lR @ VR
lZM
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
mA
CDLL4099
6.8
250
200
10
5.17
56
CDLL4100
7.5
250
200
10
5.70
51
CDLL4101
8.2
250
200
1.0
6.24
46
CDLL4102
8.7
250
200
1.0
6.61
44
CDLL4103
9.1
250
200
1.0
6.92
42
CDLL4104
10
250
200
1.0
7.60
38
CDLL4105
11
250
200
.05
8.44
35
CDLL4106
12
250
200
.05
9.12
32
CDLL4107
13
250
200
.05
9.87
29
CDLL4108
14
250
200
.05
10.65
27
CDLL4109
15
250
100
.05
11.40
25
CDLL4110
16
250
100
.05
12.15
24
CDLL4111
17
250
100
.05
12.92
22
CDLL4112
18
250
100
.05
13.67
21
CDLL4113
19
250
150
.05
14.44
20
CDLL4114
20
250
150
.01
15.20
19
CDLL4115
22
250
150
.01
16.72
17
CDLL4116
24
250
150
.01
18.25
16
CDLL4117
25
250
150
.01
19.00
15
CDLL4118
27
250
150
.01
20.46
14
CDLL4119
28
250
200
.01
21.28
14
CDLL4120
30
250
200
.01
22.80
13
CDLL4121
33
250
200
.01
25.08
12
CDLL4122
36
250
200
.01
27.38
11
CDLL4123
39
250
200
.01
29.65
9.8
CDLL4124
43
250
250
.01
32.65
8.9
CDLL4125
47
250
250
.01
35.75
8.1
CDLL4126
51
250
300
.01
38.76
7.5
CDLL4127
56
250
300
.01
42.60
6.7
CDLL4128
60
250
400
.01
45.60
6.4
CDLL4129
62
250
500
.01
47.10
6.1
CDLL4130
68
250
700
.01
51.68
5.6
CDLL4131
75
250
700
.01
57.00
5.1
CDLL4132
82
250
800
.01
62.32
4.6
CDLL4133
87
250
1000
.01
66.12
4.4
CDLL4134
91
250
1200
.01
69.16
4.2
CDLL4135
100
250
1500
.01
76.00
3.8
NOTE 1
The CDI type numbers shown above have a Zener voltage tolerance of
+ 5% of the nominal Zener voltage. Nominal Zener voltage is measured
with the device junction in thermal equilibrium at an ambient temperature
of 25°C + 3°C. A "C" suffix denotes a + 2% tolerance and a "D" suffix
denotes a + 1% tolerance.
NOTE 2
Zener impedance is derived by superimposing on lZT, A 60 Hz rms a.c.
current equal to 10% of lZT (25 µ A a.c.).


Similar Part No. - JANTX1N4123DUR-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N4123DUR-1 MICROSEMI-JANTX1N4123DUR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results

Similar Description - JANTX1N4123DUR-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Microsemi Corporation
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
TAITRON Components Inco...
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
   500mW Low Noise Zener Diodes
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Microsemi Corporation
1PMT4614E3 MICROSEMI-1PMT4614E3 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com