Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8931CC Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8931CC
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8931CC Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8931CC Datasheet HTML 6Page - Mitel Networks Corporation MT8931CC Datasheet HTML 7Page - Mitel Networks Corporation MT8931CC Datasheet HTML 8Page - Mitel Networks Corporation MT8931CC Datasheet HTML 9Page - Mitel Networks Corporation MT8931CC Datasheet HTML 10Page - Mitel Networks Corporation MT8931CC Datasheet HTML 11Page - Mitel Networks Corporation MT8931CC Datasheet HTML 12Page - Mitel Networks Corporation MT8931CC Datasheet HTML 13Page - Mitel Networks Corporation MT8931CC Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MT8931C
9-80
After successfully completing a transmission, the
internal priority level is reduced from high to low.
The internal priority will only be increased once the
terminal count for the respective level of priority has
been achieved.
(e.g., if TE has high priority
internally and externally, it must count 8 consecutive
ones in the D-echo channel. Once this is achieved
and successful transmission has been completed,
the internal priority is reduced to a lower level (i.e.,
count = 9). This terminal will not return to the high
internal priority until 9 consecutive ones have been
monitored on the D-echo channel).
Line Wiring Configuration
The MT8931C can interface to any of the three
wiring configurations which are specified by the
CCITT
Recommendation
I.430 and ANSI T1.605
(refer to
Figures 8
to 10).
These
consist of a
point-to-point or one of the two point-to- multipoint
configurations
(i.e.,
short
passive
bus
or
the
extended passive bus).
The selection of line
configurations is performed using the timing bit (B4
of NT Mode Control Register).
For the short passive bus, TE devices are connected
at random points along the cable. However, for the
extended passive bus all connection points are
grouped at the far end of the cable from the NT.
For an NT SNIC in fixed timing mode, the VCO and
Rx filters/peak detectors are disabled and the
threshold voltage is fixed. However, for a TE SNIC or
an NT SNIC (in adaptive timing mode), the VCO and
Rx filters/peak detectors are enabled.
In this
manner, the device can compensate for variable
round trip delays and line attenuation using a
threshold voltage set to a fixed percentage of the
pulse peak amplitude.
Another operation can be implemented using the
SNIC in the star configuration as shown in Figure 14.
This mode allows multiple NTs, with physically
independent S-Busses, to share a common input
source and transfer information down the S-Bus to all
TEs .
All NT devices connected into the star will
receive the information transmitted by all TEs on all
branches of the star, exactly as if they were on the
same
physical
S-Bus.
All
NTs
in
the
star
configuration must be operating in fixed timing mode.
Refer to the description of the star configuration in
the ST-BUS section.
The SNIC has one last mode of operation called the
NT slave mode.
This has the effect of operating the
SNIC in network termination mode (XTAL1/NT pin =
1) but having the frame structure and registers
description defined by the TE mode.
This can be
used where multiple subscriber loops must carry a
fixed phase relation between each line.
A typical
Figure 11 - ST-BUS Stream Format
Figure 12 - Clock & Frame Alignment for ST-BUS Streams
Channel
0
Channel
1
Channel
2
Channel
30
Channel
31
Channel
0
•••
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(8/2048) ms
125
µs
F0b
C4b
ST-BUS
BIT CELLS
Channel 31
Bit 0
Channel 0
Bit 7
Channel 0
Bit 6
Channel 0
Bit 5
Channel 0
Bit 4


Similar Part No. - MT8931CC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
MT8931CE ZARLINK-MT8931CE Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
MT8931CP ZARLINK-MT8931CP Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
More results

Similar Description - MT8931CC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH89760B MITEL-MH89760B Datasheet
846Kb / 38P
   ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com