Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8941 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT8941
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT8941 Datasheet HTML 7Page - Mitel Networks Corporation MT8941 Datasheet HTML 8Page - Mitel Networks Corporation MT8941 Datasheet HTML 9Page - Mitel Networks Corporation MT8941 Datasheet HTML 10Page - Mitel Networks Corporation MT8941 Datasheet HTML 11Page - Mitel Networks Corporation MT8941 Datasheet HTML 12Page - Mitel Networks Corporation MT8941 Datasheet HTML 13Page - Mitel Networks Corporation MT8941 Datasheet HTML 14Page - Mitel Networks Corporation MT8941 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CMOS
MT8941
3-53
Figure 10 - Synchronization at the Slave End of the T1 Transmission Link
Figure 11 - Synchronization at the Master End of the CEPT Digital Transmission Link
Crystal Clock
(16.384 MHz)
Crystal Clock
(12.352 MHz)
MT8941
MS0
MS1
MS2
MS3
F0i
C12i
ENCV
C8Kb
C16i
ENC4o
ENC2o
VSS
VDD
CVb
C4b
C2o
F0b
RST
MH89760B
C1.5i
C2i
F0i
DSTi
DSTo
CSTi
CSTo
TxT
TxR
RxT
RxR
MT8980/81
ST-BUS
SWITCH
T1
LINK
(1.544 Mbps)
TRANSMIT
RECEIVE
Mode of Operation for the MT8941
DPLL #1 - NORMAL ( MS1=0)
DPLL #2 - NORMAL (MS0=0; MS1=0; MS2=1; MS3=1)
VDD
R
C
E8Ko
Crystal Clock
(16.384 MHz)
MT8941
MS0
MS1
MS2
MS3
F0i
C12i
ENCV
C8Kb
C16i
ENC4o
ENC2o
VSS
VDD
C4b
C2o
F0b
Yo
RST
TRANSMIT
RECEIVE
MT8980/81
ST-BUS
SWITCH
MH89790B
C2i
F0i
DSTi
DSTo
CSTi0
CSTo
RxT
RxR
Mode of Operation for the MT8941
DPLL #1 - NOT USED
DPLL #2 - FREE-RUN
(MS0=1; MS1=0; MS2=1; MS3=1)
CSTi1
OUTA
OUTB
VDD
R
C
CEPT
PRIMARY
MULTIPLEX
DIGITAL
LINK
At the slave end of the link (Figure 10) both the
DPLLs are in NORMAL mode, with DPLL #2
providing the ST-BUS timing signals locked to the 8
kHz frame pulse (E8Ko) extracted from the received
signal on the T1 line. The regenerated frame pulse
is looped back to DPLL #1 to provide the T1 line
clock, which is the same as the master end.
The 12.352 MHz and 16.384 MHz crystal clock
sources
are
necessary
for DPLL
#1 and
#2,
respectively.
Synchronization and Timing Signals for the
CEPT Transmission Link
The MT8941 can be used to provide the timing and
synchronization
signals
for
the
MH89790/790B,
Mitel’s CEPT (30+2) Digital Trunk Interface Hybrid.
Since the operational frequencies of the ST-BUS and
the CEPT primary multiplex digital trunk are the
same, only DPLL #2 is required.


Similar Part No. - MT8941

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941BE MITEL-MT8941BE Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941BE ZARLINK-MT8941BE Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8941BP MITEL-MT8941BP Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
More results

Similar Description - MT8941

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
   T1/CEPT Digital Trunk PLL
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com