Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8941AP Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8941AP Datasheet HTML 6Page - Mitel Networks Corporation MT8941AP Datasheet HTML 7Page - Mitel Networks Corporation MT8941AP Datasheet HTML 8Page - Mitel Networks Corporation MT8941AP Datasheet HTML 9Page - Mitel Networks Corporation MT8941AP Datasheet HTML 10Page - Mitel Networks Corporation MT8941AP Datasheet HTML 11Page - Mitel Networks Corporation MT8941AP Datasheet HTML 12Page - Mitel Networks Corporation MT8941AP Datasheet HTML 13Page - Mitel Networks Corporation MT8941AP Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MT8941 CMOS
3-52
Besides
the
improved
jitter
performance,
the
MT8941 differs from the MT8940 in three other
areas:
1.
Input pins on the MT8941 do not incorporate
internal pull-up
or
pull-down
resistors.
In
addition,
the
output
configuration
of
the
bidirectional C8Kb pin has been converted from
an open drain output to a Totem-pole output.
2.
The MT8941 includes a no-correction window to
filter out low frequency jitter and wander as
illustrated in Figure 4. Consequently, there is no
constant phase relationship between reference
signal F0i of DPLL # 1 or C8Kb of DPLL #2 and
the output clocks of DPLL #1 or DPLL #2.
Figure 4 shows the new phase relationship
between C8Kb and the DPLL #2 output clocks.
Figure 8 illustrates an application where the
MT8941
cannot
replace
the
MT8940
and
suggests an alternative solution.
3.
The MT8941 must be reset after power-up in
order to guarantee proper operation, which is not
the case for the MT8940.
4.
For the MT8941, DPLL #2 locks to the falling
edge of the C8Kb reference signal.
DPLL#2 of
the MT8940 locks on to the rising edge of C8Kb.
5.
While the MT8940 is available only in a 24 pin
plastic DIP, the MT8941 has an additional 28 pin
PLCC package option.
Applications
The following figures illustrates how the MT8941 can
be used in a minimum component count approach in
providing the timing and synchro-nization signals for
the Mitel T1 or CEPT interfaces, and the ST-BUS.
The
hardware
selectable
modes
and
the
independent control over each PLL adds flexibility to
the interface circuits. It can be easily reconfigured to
provide the timing and control signals for both the
master and slave ends of the link.
Synchronization and Timing Signals for the T1
Transmission Link
Figures 9 and 10 show examples of how to generate
the timing signals for the master and slave ends of a
T1 link.
At the master end of the link (Figure 9),
DPLL #2 is the source of the ST-BUS signals derived
from the crystal clock. The frame pulse output is
looped back to DPLL #1 (in NORMAL mode), which
locks to it to generate the T1 line clock. The timing
relationship between the 1.544 MHz T1 clock and
the
2.048
MHz
ST-BUS
clock
meets
the
requirements of the MH89760/760B.
The crystal
clock at 12.352 MHz is used by DPLL #1 to generate
the 1.544 MHz clock, while DPLL #2 (in FREE-RUN
mode) uses the 16.384 MHz crystal oscillator to
generate the ST-BUS clocks for system timing. The
generated
ST-BUS
signals
can
be
used
to
synchronize the system and the switching equipment
at the master end.
Figure 9 - Synchronization at the Master End of the T1 Transmission Link
Crystal Clock
(16.384 MHz)
Crystal Clock
(12.352 MHz)
MT8941
MS0
MS1
MS2
MS3
F0i
C12i
ENCV
C8Kb
C16i
ENC4o
ENC2o
VSS
VDD
CVb
C4b
C2o
F0b
RST
MH89760B
C1.5i
C2i
F0i
DSTi
DSTo
CSTi
CSTo
TxT
TxR
RxT
RxR
MT8980/81
ST-BUS
SWITCH
T1
LINK
(1.544 Mbps)
TRANSMIT
RECEIVE
Mode of Operation for the MT8941
DPLL #1 - NORMAL (MS0 = X; MS1 = 0)
DPLL #2 - FREE-RUN (MS0=1; MS2=1; MS3=1)
VDD
R
C


Similar Part No. - MT8941AP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941BE MITEL-MT8941BE Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941BE ZARLINK-MT8941BE Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8941BP MITEL-MT8941BP Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
More results

Similar Description - MT8941AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
   T1/CEPT Digital Trunk PLL
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com