Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8941BP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8941BP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941BP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8941BP Datasheet HTML 1Page - Mitel Networks Corporation MT8941BP Datasheet HTML 2Page - Mitel Networks Corporation MT8941BP Datasheet HTML 3Page - Mitel Networks Corporation MT8941BP Datasheet HTML 4Page - Mitel Networks Corporation MT8941BP Datasheet HTML 5Page - Mitel Networks Corporation MT8941BP Datasheet HTML 6Page - Mitel Networks Corporation MT8941BP Datasheet HTML 7Page - Mitel Networks Corporation MT8941BP Datasheet HTML 8Page - Mitel Networks Corporation MT8941BP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Features
Provides T1 clock at 1.544 MHz locked to an 8
kHz reference clock (frame pulse)
Provides CEPT clock at 2.048 MHz and ST-BUS
clock and timing signals locked to an internal or
external 8 kHz reference clock
Typical inherent output jitter (unfiltered)= 0.07
UI peak-to-peak
Typical jitter attenuation at: 10 Hz=23 dB,100
Hz=43 dB, 5 to 40 kHz
≥ 64 dB
Jitter-free “FREE-RUN” mode
Uncommitted two-input NAND gate
Low power CMOS technology
Applications
Synchronization
and
timing
control
for T1
and CEPT digital trunk transmission links
ST- BUS clock and frame pulse source
Description
The MT8941B is a dual digital phase-locked loop
providing the timing and synchronization signals for
the T1 or CEPT transmission links and the ST-BUS.
The first PLL provides the T1 clock (1.544 MHz)
synchronized to the input frame pulse at 8 kHz. The
timing signals for the CEPT transmission link and the
ST-BUS are provided by the second PLL locked to an
internal or an external 8 kHz frame pulse signal.
The MT8941B offers improved jitter performance
over the MT8940. The two devices also have some
functional differences, which are listed in the section
on “Differences between MT8941B and MT8940”.
Ordering Information
MT8941BE
24 Pin Plastic DIP (600 mil)
MT8941BP
28 Pin PLCC
-40
°C to +85°C
Figure 1 - Functional Block Diagram
F0i
C12i
MS0
MS1
MS2
MS3
C8Kb
C16i
Ai
Bi
Yo
VDD
VSS
RST
CVb
CV
ENCV
F0b
C4b
C4o
ENC4o
C2o
C2o
ENC2o
2:1 MUX
Variable
Clock
Control
Mode
Selection
Logic
DPLL #2
Input
Selector
Clock
Generator
Frame Pulse
Control
4.096 MHz
Clock
Control
2.048 MHz
Clock
Control
DPLL #1
DS5186
ISSUE 1
June 1999
MT8941B
Advanced T1/CEPT Digital Trunk PLL
CMOS ST-BUS
™ FAMILY


Similar Part No. - MT8941BP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8941BP ZARLINK-MT8941BP Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
MT8941BP1 ZARLINK-MT8941BP1 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
MT8941BPR ZARLINK-MT8941BPR Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
MT8941BPR1 ZARLINK-MT8941BPR1 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
More results

Similar Description - MT8941BP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8941 MITEL-MT8941 Datasheet
246Kb / 18P
   CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
   ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
   Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
   T1/CEPT Digital Trunk PLL
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com