Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8967AS Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8967AS
Description  ISO2-CMOS Integrated PCM Filter Codec
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8967AS Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8967AS Datasheet HTML 6Page - Mitel Networks Corporation MT8967AS Datasheet HTML 7Page - Mitel Networks Corporation MT8967AS Datasheet HTML 8Page - Mitel Networks Corporation MT8967AS Datasheet HTML 9Page - Mitel Networks Corporation MT8967AS Datasheet HTML 10Page - Mitel Networks Corporation MT8967AS Datasheet HTML 11Page - Mitel Networks Corporation MT8967AS Datasheet HTML 12Page - Mitel Networks Corporation MT8967AS Datasheet HTML 13Page - Mitel Networks Corporation MT8967AS Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MT8960/61/62/63/64/65/66/67 ISO2-CMOS
6-28
Figure 8 - Example Architecture of a Simple Digital Switching System Using the MT8960-67
DSTi
DSTo
CDTi
VX
VR
SD0
SDn
..
.
Repeated for Lines
2 to 255
Line 1
Line 256
8
8
8
8
Speech
Switch
-
8980
Controlling
Micro-
Processor
Control &
Signalling
-
8980
DSTi
DSTo
CDTi
VX
VR
SD0
SDn
..
.
••
Repeated for Lines
2 to 255
Line
Interface
&
Monitoring
Circuitry
Line
Interface
&
Monitoring
Circuitry
••
MT8960-67
MT8960-67


Similar Part No. - MT8967AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AC MITEL-MT8910-1AC Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AP MITEL-MT8910-1AP Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8920 MITEL-MT8920 Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8967AS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
   CMOS PCM CODEC-Filter Combination
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com