Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN6011 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCN6011
Description  Low Power Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6011 Datasheet(HTML) 1 Page - ON Semiconductor

  NCN6011 Datasheet HTML 1Page - ON Semiconductor NCN6011 Datasheet HTML 2Page - ON Semiconductor NCN6011 Datasheet HTML 3Page - ON Semiconductor NCN6011 Datasheet HTML 4Page - ON Semiconductor NCN6011 Datasheet HTML 5Page - ON Semiconductor NCN6011 Datasheet HTML 6Page - ON Semiconductor NCN6011 Datasheet HTML 7Page - ON Semiconductor NCN6011 Datasheet HTML 8Page - ON Semiconductor NCN6011 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
NCN6011/D
NCN6011
Low Power Level Shifter
The NCN6011 is a level shifter analog circuit designed to translate
the voltages between a SIM Card and an external microcontroller. The
device handles all the signals needed to control the data transaction
between the external Card and the MPU.
Features
2.7 to 6.0 V Input and/or Output Voltage Range
500 nA Quiescent Supply Current
All Pins are Fully ESD Protected
Supports 10 MHz Clock
Provides a Logic I/O Enable Function
Rx/Tx Communication Capability
Typical Applications
SIM/GSM/SMARTCARD Interface
Figure 1. Typical Interface Application
10
9
8
6
7
3
VCC
IRQ
P3
P2
P1
1
2
4
5
RESET
I/O
CLOCK SIM_CLK
SIM_RST
P0
VDD
Vsupply
GND
POWER
MANAGEMENT
UNIT
VCC
I/O_ENABLE
SIM_IO
SIM_VCC
GND
U1
NCN6011
GND
GND
C3
4.7
μF
C2
100
nF
GND
GND
VDD
C1
6.8
mF
GND
http://onsemi.com
TSSOP−14
DTB SUFFIX
CASE 948G
1
10
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
PIN CONNECTIONS
2
3
4
5
6
7
14
13
12
10
9
(Top View)
RESET
NA
I/O
VDD
CLOCK
IO_ENABLE
NA
NA
SIM_IO
SIM_RST
GND
SIM_VCC
NA
1
11 SIM_CLK
1
14
1
8
2
3
4
5
10
9
8
6
(Top View)
IO_ENABLE
I/O
VDD
CLOCK
RESET
SIM_IO
SIM_VCC
GND
SIM_CLK
7 SIM_RST
1
Micro−10
TSSOP−14
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
Micro−10
DM SUFFIX
CASE 846B
NCN
6011
ALYW
6011
AYW
1
14
1
10


Similar Part No. - NCN6011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
NCN6010D ONSEMI-NCN6010D Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTB ONSEMI-NCN6010DTB Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTB ONSEMI-NCN6010DTB Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
More results

Similar Description - NCN6011

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
Calogic, LLC
CVA4403N CALOGIC-CVA4403N Datasheet
26Kb / 2P
   Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
   Hex inverting high-to-low level shifter
December 1990
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com