Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN6011DTB Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCN6011DTB
Description  Low Power Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6011DTB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCN6011DTB Datasheet HTML 3Page - ON Semiconductor NCN6011DTB Datasheet HTML 4Page - ON Semiconductor NCN6011DTB Datasheet HTML 5Page - ON Semiconductor NCN6011DTB Datasheet HTML 6Page - ON Semiconductor NCN6011DTB Datasheet HTML 7Page - ON Semiconductor NCN6011DTB Datasheet HTML 8Page - ON Semiconductor NCN6011DTB Datasheet HTML 9Page - ON Semiconductor NCN6011DTB Datasheet HTML 10Page - ON Semiconductor NCN6011DTB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCN6011
http://onsemi.com
7
200
100
250
50
150
0
300
1200
2
80
5
4
3
0
VDD (V)
Figure 3. SIM Supply Current as a Function of
the VDD Voltage, I/O = High
Figure 4. SIM Supply Current as a Function of
the VDD Voltage, I/O = 100 kHz Data Transfer
2
1600
1400
1200
1000
4
3
800
600
400
200
0
56
Figure 5. Power Supply Current as Function of
the VCC Input Voltage, I/O = High
VDD (V)
Figure 6. Power Supply Current as Function of
the VCC Input Voltage, I/O = 100 kHz Data
Transfer
VDD (V)
120
800
1400
600
1000
0
1600
1800
5 MHz
VDD (V)
20
40
60
100
6
3 MHz
1 MHz
25
4
36
5 MHz
3 MHz
1 MHz
400
200
24
35
6
5 MHz
3 MHz
1 MHz
5 MHz
3 MHz
1 MHz


Similar Part No. - NCN6011DTB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
NCN6010D ONSEMI-NCN6010D Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTB ONSEMI-NCN6010DTB Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTB ONSEMI-NCN6010DTB Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
More results

Similar Description - NCN6011DTB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
Calogic, LLC
CVA4403N CALOGIC-CVA4403N Datasheet
26Kb / 2P
   Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
   Hex inverting high-to-low level shifter
December 1990
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com