Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1256BSN65T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1256BSN65T1G
Description  Low Power Offline PWM Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1256BSN65T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1256BSN65T1G Datasheet HTML 2Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 3Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 4Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 5Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 6Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 7Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 8Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 9Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NCP1256
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, Vcc = 12 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
INTERNAL OSCILLATOR
fOSC,nom
Oscillation Frequency
65 kHz version
100 kHz version
61
93
65
100
70
107
kHz
Dmax
Maximum duty ratio
77
80
83
%
fjitter
Frequency jittering in percentage of fOSC
±5
%
fswing
Swing frequency over the whole frequency range
240
Hz
FEEDBACK SECTION
Rup
Internal pull−up resistor
2
30
k
W
Req
Equivalent ac resistance from FB to gnd
2
19
23
26
k
W
Iratio
Pin 2 to current setpoint division ratio
3
VfreezeF
Feedback voltage below which the peak current is frozen
2
0.75
V
FREQUENCY FOLDBACK
VfoldF
Frequency foldback level on the feedback pin –
≈63% of maximum
peak current
1.5
V
Ftrans
Minimum operating frequency
22
26
30
kHz
Vfold,end
End of frequency foldback feedback level, Fsw = Ftrans
1.2
V
Vskip
Skip−cycle level voltage on the feedback pin
0.6
V
Skip
hysteresis
Hysteresis on the skip comparator (Note 3)
45
mV
INTERNAL SLOPE COMPENSATION
S65
Compensation ramp slope, Fsw = 65 kHz
30
mV/
ms
S100
Compensation ramp slope, Fsw = 100 kHz
50
mV/
ms
PROTECTIONS
Vlatch1
Latching level input, brown−out input
3
4.3
4.5
4.7
V
Vlatch2
Latching level, current sense input, off time only
4
1.45
1.5
1.55
V
Tlatch−count
Number of clock cycles before latch confirmation from pin 3&4
4
Tlatch−del
OVP detection time constant
1
ms
Timer
Internal auto−recovery fault timer duration
50
70
90
ms
VOVP
Latched over voltage protection on the Vcc rail
6
25.3
26
26.8
V
TOVP−del
Delay before OVP confirmation on Vcc
6
25
ms
IBO
Brown−Out input bias current, VBO < DZBO
3
0.02
mA
VBOon
Turn−on voltage
3
0.76
0.8
0.87
V
VBOoff
Turn−off voltage
3
0.66
0.7
0.74
V
TBO
De−bouncing filter on BO comparator
3
50
ms
RdBO
Dynamic Zener diode resistance (all versions except E)
3
1
k
W
DZBO
Active Zener diode clamping BO signal (all versions except E)
3
3.1
3.3
3.5
V
1. For information only, collected on a typical 45−W adapter.
2. Guaranteed by design
3. Not tested in production.


Similar Part No. - NCP1256BSN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1256BSN65T1G ONSEMI-NCP1256BSN65T1G Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
More results

Similar Description - NCP1256BSN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
   Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1256 ONSEMI-NCP1256_V01 Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
NCP1361 ONSEMI-NCP1361_V01 Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
logo
Texas Instruments
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com