Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1361 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1361
Description  Low Power Offline Constant Current PWM Current-Mode Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1361 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1361 Datasheet HTML 3Page - ON Semiconductor NCP1361 Datasheet HTML 4Page - ON Semiconductor NCP1361 Datasheet HTML 5Page - ON Semiconductor NCP1361 Datasheet HTML 6Page - ON Semiconductor NCP1361 Datasheet HTML 7Page - ON Semiconductor NCP1361 Datasheet HTML 8Page - ON Semiconductor NCP1361 Datasheet HTML 9Page - ON Semiconductor NCP1361 Datasheet HTML 10Page - ON Semiconductor NCP1361 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NCP1361, NCP1366
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS: (VCC = 12 V, CDRV = 1 nF, For typical values TJ = 25°C, for min/max values TJ = −40°C to
+125
°C, Max TJ = 150°C, unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Conditions
DEMAGNETIZATION INPUT − ZERO VOLTAGE DETECTION CIRCUIT and VOLTAGE SENSE
Delay after on−time that the
Vs/ZCD is still pulled to ground
(Note 4)
tshort_ZCD
0.7
ms
Blanking delay after on−time
(Vs/ZCD pin is disconnected
from the internal circuitry)
tblank_ZCD
1.2
1.5
1.8
ms
Timeout after last
demagnetization transition
Timeout while in Soft−start
Timeout after soft−start complete
toutSS
tout
36
4.5
44
5.5
52
6.5
ms
Input leakage current
VCC > VCC(on) VZCD = 4 V, DRV is low
IZCD
0.1
mA
DRIVE OUTPUT − GATE DRIVE
Drive resistance
DRV Sink
DRV Source
RSNK
RSRC
7
12
W
Rise time
CDRV = 1 nF, from 10% to 90%
tr
45
80
ns
Fall time
CDRV = 1 nF, from 90% to 10%
tf
30
60
ns
DRV Low voltage
VCC = VCC(off) + 0.2 V,
CDRV = 220 pF, RDRV = 33 kW
VDRV(low)
6.0
V
DRV High voltage
VCC = VCC(OVP)−0.2 V, CDRV = 220 pF,
RDRV = 33 kW
VDRV(high)
13.0
V
SOFT START
Internal Fixed Soft Start
Duration
Current Sense peak current rising from
0.2 V to 0.8 V
tSS
3
4
5
ms
FAULT PROTECTION
Thermal Shutdown
Device switching (Fsw ∼ 65 kHz)
(Note 4)
TSHTDN
150
°C
Thermal Shutdown Hysteresis
Device switching (Fsw ∼ 65 kHz)
(Note 4)
TSHTDN(HYS)
40
°C
Number of Drive cycle before
latch confirmation
VComp = VComp(max),
VCS > VCS(stop)
Or Internal sampled Vout > VOVP
Tlatch_count
4
Fault level detection for OVP
Ù
Latched or Double Hiccup
autorecovery (depends on fault
version)
Internal sampled Vout increasing
VOVP = Vref_CV2+26%
Version E
VOVP
2.95
3.4
3.15
3.6
3.35
3.8
V
Fault level detection for UVP
Ù
Double Hiccup autorecovery
(UVP detection is disabled
during TEN_UVP)
Internal sampled Vout decreasing
Version A & B
Version C with a 300 mV CBC
Version E
VUVP
1.4
1.516
0.70
1.5
1.625
0.75
1.6
1.733
0.80
V
Blanking time for UVP
detection
Starting at the beginning of the Soft
start
TEN_UVP
37
ms
Pull−up Current Source on CS
pin for Open or Short circuit
detection
When VCS > VCS_min
ICS
55
mA
CS pin Open detection
CS pin open
VCS(open)
0.8
V
CS pin Short detection
VCS_min
50
70
mV
CS pin Short detection timer
(Note 4)
TCS_short
3
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. The timer can be reset if there are 4 DRV cycles without overload or short circuit conditions
4. Guaranteed by Design.
* Characterization upon request


Similar Part No. - NCP1361

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1361 ONSEMI-NCP1361 Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
NCP1361AABAYSNT1G ONSEMI-NCP1361AABAYSNT1G Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
NCP1361BABAYSNT1G ONSEMI-NCP1361BABAYSNT1G Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
NCP1361EABAYSNT1G ONSEMI-NCP1361EABAYSNT1G Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
NCP1361 ONSEMI-NCP1361_V01 Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
More results

Similar Description - NCP1361

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
NCP1361 ONSEMI-NCP1361_V01 Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com