Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1589D Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1589D
Description  Low Voltage Synchronous Buck Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1589D Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1589D Datasheet HTML 1Page - ON Semiconductor NCP1589D Datasheet HTML 2Page - ON Semiconductor NCP1589D Datasheet HTML 3Page - ON Semiconductor NCP1589D Datasheet HTML 4Page - ON Semiconductor NCP1589D Datasheet HTML 5Page - ON Semiconductor NCP1589D Datasheet HTML 6Page - ON Semiconductor NCP1589D Datasheet HTML 7Page - ON Semiconductor NCP1589D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 1
1
Publication Order Number:
NCP1589D/D
NCP1589D
Low Voltage Synchronous
Buck Controller with Light
Load Efficiency and
Transient Enhancement
The NCP1589D is a low cost PWM controller designed to operate
from a 5 V or 12 V supply. This device is capable of producing an
output voltage as low as 0.8 V and converting voltage from as low as
2.5 V. It is easy to operate and provides an optimal level of integration
to reduce size and cost of the power supply. It operates in Ramp Pulse
Modulation mode for superior load step and release response. In
addition to fast transient response, it also includes a 1.5 A gate driver
design and light load efficiency features such as adaptive non−overlap
circuitry and diode emulation. It normally operates at a range of
200−500 kHz in continuous current conduction mode, which reduces
with current at light load for further power saving. Protection features
include programmable overcurrent protection, output overvoltage and
undervoltage protection and input undervoltage lockout (UVLO).
Features
VCC Range from 4.5 V to 13.2 V
Adjustable Operating frequency
Boost Pin Operates to 35 V
Ramp Pulse Modulation Control
Precision 0.8 V Internal Reference
Adjustable Output Voltage
Internal 1.5 A Gate Drivers
80% Max Duty Cycle
Input Under Voltage Lockout
Programmable Current Limit
Adaptive Diode Mode Emulation in Light Load
This is a Pb−Free Device
Applications
Graphics Cards
Desktop Computers
Servers / Networking
DSP & FPGA Power Supply
DC−DC Regulator Modules
DFN10
CASE 485C
MARKING
DIAGRAM
PIN CONNECTIONS
1589D = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Device
1
BOOT
10
PGOOD
2
LX
3
UG
4
LG
9
VORPM
8FB
7
COMP/EN
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
5
GND
6
VCC
(Note: Microdot may be in either location)
NCP1589DMNTWG
DFN10
(Pb−Free)
3000 /
Tape & Reel
1589D
ALYWG
G
Flag


Similar Part No. - NCP1589D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
126Kb / 8P
   Low Voltage Synchronous Buck Controller with Light Load Efficiency and Transient Enhancement
July, 2011 ??Rev. 1
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
More results

Similar Description - NCP1589D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com