Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8981DL Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8981DL
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8981DL Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8981DL Datasheet HTML 1Page - Mitel Networks Corporation MT8981DL Datasheet HTML 2Page - Mitel Networks Corporation MT8981DL Datasheet HTML 3Page - Mitel Networks Corporation MT8981DL Datasheet HTML 4Page - Mitel Networks Corporation MT8981DL Datasheet HTML 5Page - Mitel Networks Corporation MT8981DL Datasheet HTML 6Page - Mitel Networks Corporation MT8981DL Datasheet HTML 7Page - Mitel Networks Corporation MT8981DL Datasheet HTML 8Page - Mitel Networks Corporation MT8981DL Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2-17
®
Features
Mitel ST-BUS compatible
4-line x 32-channel inputs
4-line x 32-channel outputs
128 ports non-blocking switch
Single power supply (+5 V)
Low power consumption: 30 mW Typ.
Microprocessor-control interface
Three-state serial outputs
Description
This
VLSI
ISO-CMOS
device
is
designed
for
switching PCM-encoded voice or
data, under
microprocessor
control,
in
a
modern
digital
exchange,
PBX
or
Central
Office.
It
provides
simultaneous connections for up to 128 64 kbit/s
channels. Each of the four serial inputs and outputs
consist of 32 64 kbit/s channels multiplexed to form a
2048 kbit/s ST-BUS stream. In addition, the MT8981
provides microprocessor read and write access to
individual ST-BUS channels.
Figure 1 - Functional Block Diagram
STo0
STo1
STo2
STo3
Serial
to
Parallel
Converter
Data
Memory
Frame
Counter
Control Register
Control Interface
Output
MUX
Connection
Memory
Parallel
to
Serial
Converter
CS R/W A5/
A0
DTA D7/
D0
C4i
F0i
VDD
VSS
ODE
STi0
STi1
STi2
STi3
DS
ISSUE 6
May 1995
MT8981D
Digital Switch
ISO-CMOS ST-BUS
™ FAMILY
Ordering Information
MT8981DC
40 Pin Ceramic DIP
MT8981DE
40 Pin Plastic DIP
MT8981DP
44 PLCC
MT8981DL
44 Pin QFP
-40°C to +85°C


Similar Part No. - MT8981DL

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
561Kb / 17P
   Digital Switch
MT8981D ZARLINK-MT8981D Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
logo
Mitel Networks Corporat...
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DE MITEL-MT8981DE Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981DE ZARLINK-MT8981DE Datasheet
561Kb / 17P
   Digital Switch
More results

Similar Description - MT8981DL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8982 MITEL-MT8982 Datasheet
223Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT8982-1 MITEL-MT8982-1 Datasheet
133Kb / 19P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com