Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81044DR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP81044DR2G
Description  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81044DR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP81044DR2G Datasheet HTML 2Page - ON Semiconductor NCP81044DR2G Datasheet HTML 3Page - ON Semiconductor NCP81044DR2G Datasheet HTML 4Page - ON Semiconductor NCP81044DR2G Datasheet HTML 5Page - ON Semiconductor NCP81044DR2G Datasheet HTML 6Page - ON Semiconductor NCP81044DR2G Datasheet HTML 7Page - ON Semiconductor NCP81044DR2G Datasheet HTML 8Page - ON Semiconductor NCP81044DR2G Datasheet HTML 9Page - ON Semiconductor NCP81044DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP81044
http://onsemi.com
6
DETAILED OPERATING DESCRIPTION
General
The NCP81044 is a PWM controller intended for DC−DC
conversion from 5.0 V & 12 V buses. The devices have a 1
A internal gate driver circuit designed to drive N−channel
MOSFETs in a synchronous−rectifier buck topology. The
output voltage of the converter can be precisely regulated
down to 800 mV
±1.0% when the VFB pin is tied to VOUT.
The switching frequency, is internally set to 275 kHz. A high
gain operational transconductance error amplifier (OTA) is
used.
Duty Cycle and Maximum Pulse Width Limits
In steady state DC operation, the duty cycle will stabilize
at an operating point defined by the ratio of the input to the
output voltage. The devices can achieve an 80% duty cycle.
There is a built in off−time which ensures that the bootstrap
supply is charged every cycle. This part can allow a 12 V to
0.8 V conversion at 275 kHz.
Input Voltage Range (VCC and BST)
The input voltage range for both VCC and BST is 4.5 V to
13.2 V with respect to GND and PHASE, respectively.
Although BST is rated at 13.2 V with respect to PHASE, it
can also tolerate 26.4 V with respect to GND.
External Enable/Disable
When the Comp pin voltage falls or is pulled externally
below the 400 mV threshold, it disables the PWM Logic and
the gate drive outputs. In this disabled mode, the operational
transconductance amplifier (EOTA) output source current is
reduced and limited to the Soft−Start mode of 10
mA.
Normal Shutdown Behavior
Normal shutdown occurs when the IC stops switching
because the input supply reaches UVLO threshold. In this
case, switching stops, the internal SS is discharged, and all
GATE pins go low. The switch node enters a high impedance
state and the output capacitors discharge through the load
with no ringing on the output voltage.
External Soft−Start
The NCP81044 features an external soft−start function,
which reduces inrush current and overshoot of the output
voltage. Soft−start is achieved by using the internal current
source of 10
mA (typ), which charges the external integrator
capacitor of the transconductance amplifier. Figure 8 is a
typical soft−start sequence. This sequence begins once VCC
surpasses its UVLO threshold and OCP programming is
complete. During soft−start, as the Comp Pin rises through
400 mV, the PWM Logic and gate drives are enabled. When
the feedback voltage crosses 800 mV, the EOTA will be
given control to switch to its higher regulation mode output
current of 120
mA.
Figure 8. Soft−Start Implementation
4.2 V
0.9 V
0.8 V
Comp
VCC
Vfb
BG
TG
Vout
NORMAL
SS
POR
UVLO
550 mV
50 mV
OCP
Program
ming


Similar Part No. - NCP81044DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP81042 ONSEMI-NCP81042 Datasheet
189Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2012 ??Rev. P0
NCP81042MNTXG ONSEMI-NCP81042MNTXG Datasheet
189Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2012 ??Rev. P0
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP81045MNTXG ONSEMI-NCP81045MNTXG Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
More results

Similar Description - NCP81044DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com