Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT24DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCT24DR2
Description  Low Cost Single Trip Point Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT24DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCT24DR2 Datasheet HTML 1Page - ON Semiconductor NCT24DR2 Datasheet HTML 2Page - ON Semiconductor NCT24DR2 Datasheet HTML 3Page - ON Semiconductor NCT24DR2 Datasheet HTML 4Page - ON Semiconductor NCT24DR2 Datasheet HTML 5Page - ON Semiconductor NCT24DR2 Datasheet HTML 6Page - ON Semiconductor NCT24DR2 Datasheet HTML 7Page - ON Semiconductor NCT24DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
June, 2002 – Rev. 1
1
Publication Order Number:
NCT22/D
NCT22, NCT24
Low Cost Single Trip Point
Temperature Sensor
The NCT22 and NCT24 are programmable solid state temperature
sensors designed to replace mechanical switches in sensing and
control applications. Both devices integrate the temperature sensor
with a voltage reference and all required detector circuitry. The desired
temperature set point is set by the user with a single external resistor.
Ambient temperature is sensed and compared to the programmed
setpoint. The OUT and OUT outputs are driven to their active state
when the measured temperature exceeds the programmed setpoint.
The NCT22 has a power supply voltage range of 4.5 V to 18 V
while the NCT24 operates over a power supply range of 2.7 V to 4.5 V.
Both devices are useable over a temperature range of –40
°C to
+125
°C. Both devices feature low supply current making them
suitable for many portable applications.
The devices are offered in surface mount packages.
Features
Temperature Set Point Easily Programs with a Single External
Resistor
Operates with 2.7 V Power Supply (NCT24)
Small SOIC Package
Cost Effective
Applications
Power Supply Over–Temperature Detection
Consumer Electronics
Fire/Heat Detection
UPSs, Amplifiers, Motors
CPU Thermal Management in PCs
Figure 1. Heat Monitor for Smoke Detector
NCT22
CONTROL
ASIC
NC
TSET
NC
GND
VDD
NC
OUT
OUT
ALARM
+
1
5
6
4
7
8
3
Sounder
+9 V
RSET
9 V
Battery
Sensor
2
SOIC–8
D SUFFIX
CASE 751
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
8
8
7
6
5
1
2
3
4
N/C
N/C
(Top View)
OUT
OUT
GND
VDD
N/C
TSET
NCT22
NCT24
NCTxx
ALYW
xx = 22 or 24
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
MARKING
DIAGRAM
1
8
http://onsemi.com


Similar Part No. - NCT24DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT203 ONSEMI-NCT203 Datasheet
162Kb / 13P
   Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
NCT203MTR2G ONSEMI-NCT203MTR2G Datasheet
162Kb / 13P
   Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
NCT214 ONSEMI-NCT214 Datasheet
253Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
April, 2014 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
More results

Similar Description - NCT24DR2

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC622 MICROCHIP-TC622 Datasheet
445Kb / 14P
   Low Cost Single Trip Point Temperature Sensor
2002
TC622 MICROCHIP-TC622_06 Datasheet
294Kb / 14P
   Low Cost Single Trip Point Temperature Sensor
2006
TC622 MICROCHIP-TC622_13 Datasheet
202Kb / 16P
   Low Cost Single Trip Point Temperature Sensor
2001-2012 11/29/12
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com