Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV2393DR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV2393DR2G
Description  Micropower Dual CMOS Voltage Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2393DR2G Datasheet(HTML) 7 Page - ON Semiconductor

  NCV2393DR2G Datasheet HTML 1Page - ON Semiconductor NCV2393DR2G Datasheet HTML 2Page - ON Semiconductor NCV2393DR2G Datasheet HTML 3Page - ON Semiconductor NCV2393DR2G Datasheet HTML 4Page - ON Semiconductor NCV2393DR2G Datasheet HTML 5Page - ON Semiconductor NCV2393DR2G Datasheet HTML 6Page - ON Semiconductor NCV2393DR2G Datasheet HTML 7Page - ON Semiconductor NCV2393DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCV2393, TS393
http://onsemi.com
7
INPUT COMMON MODE VOLTAGE (V)
Figure 12. VOS vs. VCM (VS = 10 V)
1
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1
−1.5
0.5
0
−1.0
−1.0
−0.5
TA = −55°C
TA = −40°C
TA = 25°C
TA = 70°C
TA = 85°C
TA = 125°C
VDD = 5 V
VSS = −5 V


Similar Part No. - NCV2393DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2393DR2G ONSEMI-NCV2393DR2G Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
More results

Similar Description - NCV2393DR2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
STMicroelectronics
JTS3702 STMICROELECTRONICS-JTS3702 Datasheet
4Mb / 10P
   Micropower dual CMOS voltage comparator: unsawn wafer
JTS393 STMICROELECTRONICS-JTS393 Datasheet
1Mb / 10P
   Micropower dual CMOS voltage comparator: unsawn wafer
December 2013 Rev 1
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com