Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS54405 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLAS54405
Description  nLow THDN Stereo SPDT Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS54405 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLAS54405 Datasheet HTML 3Page - ON Semiconductor NLAS54405 Datasheet HTML 4Page - ON Semiconductor NLAS54405 Datasheet HTML 5Page - ON Semiconductor NLAS54405 Datasheet HTML 6Page - ON Semiconductor NLAS54405 Datasheet HTML 7Page - ON Semiconductor NLAS54405 Datasheet HTML 8Page - ON Semiconductor NLAS54405 Datasheet HTML 9Page - ON Semiconductor NLAS54405 Datasheet HTML 10Page - ON Semiconductor NLAS54405 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NLAS54405
www.onsemi.com
7
DC ELECTRICAL CHARACTERISTICS (Voltages referenced to GND)
3.3 V Supply: VDD = +3.0 V to +3.6 V, GND = 0 V, VDIR_SEL = VAC/DC = GND, V5V_SUPPLY = Float, VSIGNAL = 2 VRMS, RLOAD = 20 kW,
f = 1 kHz, VSELH = VMUTEH = 1.4 V, VSELL = VMUTEL = 0.5 V, CAP_SS = 0.1 mF, (Note 2), Unless otherwise specified.
Parameter
Units
Max
(Notes 3, 4)
Typ
Min
(Notes 3, 4)
Temp
(
5C)
Supply
(V)
Test Conditions
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VSELL,
VMUTEL
3.3, 5
Full
0.5
V
Input Voltage High, VSELH,
VMUTEH
3.3, 5
Full
1.4
V
Input Current, ISELH, ISELL
VDD = 3.6 V, VMUTE = 0 V,
VSEL = 0 V or VDD
3.6
Full
−0.5
0.01
0.5
mA
Input Current, IAC/DCL,
IDIR_SELL
VDD = 3.6 V, VAC/DC, VDIR_SEL = 0 V,
VMUTE = Float, VSEL = VDD
3.6
Full
−1.3
−0.7
0.3
mA
Input Current, IAC/DCH,
IDIR_SELH
VDD = 3.6 V, VAC/DC, VDIR_SEL = VDD,
VMUTE = 0 V, VSEL = 0 V
3.6
Full
−0.5
0.01
0.5
mA
Input Current, IMUTEL
VDD = 3.6 V, VSEL = VDD, VMUTE = 0 V
3.6
Full
−1.3
−0.7
0.3
mA
Input Current, IMUTEH
VDD = 3.6 V, VSEL = 0 V, VMUTE = VDD
3.6
Full
−0.5
0.01
0.5
mA
2. VIN = input voltage to perform proper function.
3. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
4. Parameters with MIN and/or MAX limits are 100% tested at +25
°C, unless otherwise specified. Temperature limits established by charac-
terization and are not production tested.
5. Flatness is defined as the difference between maximum and minimum value of ON−resistance at the specified analog signal voltage points.
6. Limits established by characterization and are not production tested.
7. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max
rON value.
8. Crosstalk is inversely proportional to source impedance.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TEST CIRCUITS AND WAVEFORMS
Figure 3. Switching Times
TEST CIRCUIT
MEASUREMENT POINTS


Similar Part No. - NLAS54405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS54404 ONSEMI-NLAS54404 Datasheet
1Mb / 16P
   Ultra-Low THD Stereo SPDT Switch
August, 2015 ??Rev. 0
NLAS54404FCTAG ONSEMI-NLAS54404FCTAG Datasheet
1Mb / 16P
   Ultra-Low THD Stereo SPDT Switch
August, 2015 ??Rev. 0
More results

Similar Description - NLAS54405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS54404 ONSEMI-NLAS54404 Datasheet
1Mb / 16P
   Ultra-Low THD Stereo SPDT Switch
August, 2015 ??Rev. 0
logo
Vishay Siliconix
DG2525 VISHAY-DG2525_V01 Datasheet
181Kb / 11P
   0.37 ?? Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
08-Feb-17
DG2525 VISHAY-DG2525 Datasheet
180Kb / 11P
   0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. B, 01-Aug-16
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
   Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Pasternack Enterprises,...
PE7148 PASTERNACK-PE7148 Datasheet
239Kb / 1P
   N SPDT RELAY SWITCH, FAILSAFE
PE7147 PASTERNACK-PE7147 Datasheet
238Kb / 1P
   N SPDT RELAY SWITCH FAILSAFE
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com