Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8962AS Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT8962AS
Description  ISO2-CMOS Integrated PCM Filter Codec
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8962AS Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT8962AS Datasheet HTML 7Page - Mitel Networks Corporation MT8962AS Datasheet HTML 8Page - Mitel Networks Corporation MT8962AS Datasheet HTML 9Page - Mitel Networks Corporation MT8962AS Datasheet HTML 10Page - Mitel Networks Corporation MT8962AS Datasheet HTML 11Page - Mitel Networks Corporation MT8962AS Datasheet HTML 12Page - Mitel Networks Corporation MT8962AS Datasheet HTML 13Page - Mitel Networks Corporation MT8962AS Datasheet HTML 14Page - Mitel Networks Corporation MT8962AS Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISO2-CMOS
MT8960/61/62/63/64/65/66/67
6-29
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Note 1:
Temperature coefficient of VRef should be better than 100 ppm/°C.
* Typical figures are at 25°C with nominal ±5V supplies. For design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
DC Supply Voltages
VDD-GNDD
-0.3
+6.0
V
VEE-GNDD
-6.0
+0.3
V
2
Reference Voltage
VRef
GNDA
VDD
V
3
Analog Input
VX
VEE
VDD
V
4
Digital Inputs
Except CA
GNDD-0.3
VDD+0.3
V
CA
VEE-0.3
VDD+0.3
V
5
Output Voltage
SD0-2
GNDD-0.3
VDD+0.3
V
SD3
VEE-0.3
VDD+0.3
V
SD4-5
VEE-0.3
VDD+0.3
V
6
Current On Any Pin
II
20
mA
7
Storage Temperature
TS
-55
+125
°C
8
Power Dissipation at 25°C (Derate 16 mW/°C above 75°C)
PDiss
500
mW
Recommended Operating Conditions - Voltages are with respect to GNDD unless otherwise stated
Characteristics
Sym
Min
Typ*
Max
Units
Comments
1
Supply Voltage
VDD
4.75
5.0
5.25
V
VEE
-5.25
-5.0
-4.75
V
VRef
2.5
V
See Note 1
2
Voltage On Digital Ground
VGNDD
-0.1
0.0
+0.1
Vdc
Ref. to GNDA
-0.4
0.0
+0.4
Vac
Ref. to GNDA 400ns max.
duration in 125µs cycle
3
Operating Temperature
TO
0+70
°C
4
Operating Current
VDD
VEE
IDD
IEE
3.0
3.0
4.0
4.0
mA
mA
All digital inputs at VDD
or GNDD (or VEE for CA)
VRef
IRef
2.0
µA
Mean current
5
Standby Current
VDD
VEE
IDDO
IEEO
0.25
0.25
1.0
1.0
mA
mA
All digital inputs at VDD
or GNDD (or VEE for CA)
DC Electrical Characteristics - Voltages are with respect to GNDD unless otherwise stated.
TA=0 to 70°C, VDD=5V±5%, VEE=-5V±5%, VRef=2.5V±0.5%, GNDA=GNDD=0V,Clock Frequency =2.048MHz. Outputs unloaded unless
otherwise specified.
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
D
I
G
I
T
A
L
Input Current
Except CA
II
10.0
µAVIN = GNDD to VDD
CA
IIC
10.0
µAVIN = VEE to VDD
2
Input Low
Except CA
VIL
0.0
0.8
V
Voltage
CA
VILC
VEE
VEE+1.2
V
3
Input High Voltage All Inputs
VIH
2.4
5.0
V
4
Input Intermediate CA
Voltage
VIIC
0.0
0.8
V
5
Output Leakage
DSTo
Current (Tristate)
SD3-5
I0Z
±0.1
10.0
µA
µA
Output High Impedance


Similar Part No. - MT8962AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AC MITEL-MT8910-1AC Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AP MITEL-MT8910-1AP Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8920 MITEL-MT8920 Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8962AS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
   CMOS PCM CODEC-Filter Combination
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com