Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301550141 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301550141
Description  Watertite Connector with California Style Locking Blade, 3 Pole/4 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301550141 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301550141 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301550141
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Connector with California Style Locking Blade, 3 Pole/4 Wire, Non-NEMA,
50A/125V/250V, Cord Grip Body Size F5
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130155
IP Rating
IP67
NEMA Configuration
Non-NEMA Locking CA
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
N/A
Specialty
N/A
Type
Connector
UPC
78678801470
Woodhead
Yes
Physical
Cord Grip Body Size
F5 1 1/4"
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
3-pole/4-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
50.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
CS63W64
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130155 Series
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301550141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301550142 MOLEX11-1301550142 Datasheet
35Kb / 1P
   Watertite Plug with California Style Locking Blade, 3 Pole/4 Wire
1301550143 MOLEX11-1301550143 Datasheet
40Kb / 1P
   Watertite Receptacle Flip Coverplate with California Style Locking Blade
1301550144 MOLEX11-1301550144 Datasheet
40Kb / 1P
   Safeway Connector with California Style Locking Blade, 3 Pole/4 Wire, Non-NEMA,480V
1301550145 MOLEX11-1301550145 Datasheet
51Kb / 1P
   Safeway Plug with California Style Locking Blade, 3 Pole/4 Wire, Non-NEMA, 480V
1301550146 MOLEX11-1301550146 Datasheet
35Kb / 1P
   Safeway Single Receptacle with California Style Locking Blade, 3 Pole/4 Wire, Non-NEMA, 480V
More results

Similar Description - 1301550141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301550160 MOLEX11-1301550160 Datasheet
36Kb / 1P
   Watertite Connector with California Style Locking Blade, 3 Pole/4 Wire
1301550148 MOLEX11-1301550148 Datasheet
36Kb / 1P
   Watertite Connector with California Style Locking Blade, 3 Pole/4 Wire
1301550161 MOLEX11-1301550161 Datasheet
33Kb / 1P
   Watertite Plug with California Style Locking Blade, 3 Pole/4 Wire
130155-0149 MOLEX11-130155-0149 Datasheet
59Kb / 1P
   Watertite Plug with California Style Locking Blade, 3 Pole/4 Wire
1301550142 MOLEX11-1301550142 Datasheet
35Kb / 1P
   Watertite Plug with California Style Locking Blade, 3 Pole/4 Wire
130155-0142 MOLEX11-130155-0142 Datasheet
42Kb / 1P
   Watertite Plug with California Style Locking Blade, 3 Pole/4 Wire
1301550154 MOLEX11-1301550154 Datasheet
39Kb / 1P
   Watertite Connector with California Style Locking Blade, 2 Pole/3 Wire
1301550166 MOLEX11-1301550166 Datasheet
39Kb / 1P
   Watertite Connector with California Style Locking Blade, 2 Pole/3 Wire
130155-0155 MOLEX11-130155-0155 Datasheet
59Kb / 1P
   Watertite Plug with California Style Locking Blade, 2 Pole/3 Wire
130155-0167 MOLEX11-130155-0167 Datasheet
59Kb / 1P
   Watertite Plug with California Style Locking Blade, 2 Pole/3 Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com