Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90210AL Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT90210AL
Description  Multi-Rate Parallel Access Circuit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90210AL Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT90210AL Datasheet HTML 2Page - Mitel Networks Corporation MT90210AL Datasheet HTML 3Page - Mitel Networks Corporation MT90210AL Datasheet HTML 4Page - Mitel Networks Corporation MT90210AL Datasheet HTML 5Page - Mitel Networks Corporation MT90210AL Datasheet HTML 6Page - Mitel Networks Corporation MT90210AL Datasheet HTML 7Page - Mitel Networks Corporation MT90210AL Datasheet HTML 8Page - Mitel Networks Corporation MT90210AL Datasheet HTML 9Page - Mitel Networks Corporation MT90210AL Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MT90210
Preliminary Information
2-150
how the data from the serial port is mapped into the
external dual port memory.
Figure 3 - Dual Port RAM Memory Map for
Mode 1
Mode
2:
When
the
device
is
configured
for
4.096 Mb/s data rate operation, each of the 24 time-
division multiplexed serial streams is made up of 64
channels. In this data rate operation, the 24 serial
lines
(S0-23)
become
bidirectional
links
at
4.096 Mb/s. Serial port clock (SCLK) is 8.192 MHz.
The on-chip PLL produces a phase locked 32.768
MHz clock (CKout) from the SCLK input. Figure 4
depicts how the data from the serial port is mapped
into the external dual port memory.
Mode 3: When the device is configured for 8.192
Mb/s data rate operation, each of the 24 time-
division multiplexed serial streams is made up of 128
channels. In this mode, bidirectional operation on the
serial port streams is not provided and the MT90210
is set in a 12 in / 12 out configuration and the OEser
input is ignored. Streams S0-S11 are configured as
inputs, and S12-S23 are configured as outputs.
Serial port clock is 16.384 MHz. The on-chip PLL
doubles this clock to produce a CKout clock of
32.768 MHz. Figure 4 depicts how the data from the
serial port is mapped into the external dual port
memory. Figure 12 and Table 3 show the write and
read operations on the parallel port at the frame
boundary.
Figure 4 - Dual Port RAM Memory Map for
Modes 2 and 3
Mode 4: The MT90210 is configured such that the
24 serial streams are bidirectional and split into two
different functional groups: (i) streams S0-S15
operate at 2 Mb/s rate (512 timeslots), (ii) S16-S23
operate at 8.192 Mb/s rate (1024 timeslots). Memory
mapping for mode 4 is described in Figure 5. For
compatibility with legacy MVIP timing, mode 4
provides an additional clock input at 4.096 MHz
(HC4 input pin) which allows the device to detect
frame sync pulse (F0i) with a typical width of 244 ns.
In mode 4, the 16.384 (SCLK) and 4.096 (HC4) MHz
clocks should be in sync according to H-MVIP
specifications. The on-chip PLL doubles SCLK to
produce a CKout signal of 32.768 MHz. Figure 13
and Table 4 show the write and read operations on
the parallel port at the frame boundary.
Mode 5: Identical operation as per mode 4 with the
difference that the 16.384 MHz clock is a differential
signal received at the two input pins, C16+ and C16-
of the MT90210 device. The differential clock is
needed to eliminate distortion in the clock signal
passing through a ribbon cable as per H-MVIP
specification. The SCLK input is not used in this
mode. Memory mapping for mode 5 is depicted in
Figure 5.
0000
0800
0FFF
BLOCK 0
BLOCK 1
MODE 1
24 bidirectional streams at 2.048Mb/s
Address outputs used: A0-A11;
768 bytes
for TX
768 bytes
for RX
unused memory space
Legend:
02FF
06FF
0AFF
0EFF
0400
0C00
768 bytes
for TX
768 bytes
for RX
A12 always zero.
0000
1000
1FFF
BLOCK 0
BLOCK 1
MODES 2 & 3
24 bidirectional streams at 4.096Mb/s,
Address outputs used: A0-A12
1536 bytes
for TX
1536 bytes
for RX
unused memory space
or 12 in / 12 out at 8.192Mb/s
Legend:
05FF
0DFF
15FF
1DFF
0800
1800
1536 bytes
for TX
1536 bytes
for RX


Similar Part No. - MT90210AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90220AL MITEL-MT90220AL Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
MT90221AL MITEL-MT90221AL Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
logo
Zarlink Semiconductor I...
MT90222 ZARLINK-MT90222 Datasheet
895Kb / 55P
   4/8/16 Port IMA/TC PHY Device
More results

Similar Description - MT90210AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9085 MITEL-MT9085 Datasheet
285Kb / 20P
   CMOS PAC - Parallel Access Circuit
logo
Infineon Technologies A...
PEB22522 INFINEON-PEB22522 Datasheet
551Kb / 2P
   MULTI BIT RATE INTEGRATED CIRCUIT
V 2.1, 1999
logo
Vitesse Semiconductor C...
VSC7331 VITESSE-VSC7331 Datasheet
497Kb / 2P
   10G Multi-Protocol Multi-Rate Metro Data Services Media Access Controller (MAC)
logo
Mitel Networks Corporat...
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
logo
Texas Instruments
SN54195 TI-SN54195 Datasheet
429Kb / 10P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com