Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301800315 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301800315
Description  1/2 Cord Grip Grommet, F2 Body Size; 2, 3 or 4 holes 5.72mm (.225) Cord Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301800315 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301800315 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301800315
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
1/2" Cord Grip Grommet, F2 Body Size; 2, 3 or 4 holes 5.72mm (.225") Cord Diameter,
Black
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130180
IP Rating
IP67
NEMA Configuration
N/A
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8064
Product Name
Watertite®
Receptacle Type
N/A
Specialty
N/A
Type
Grommet
UPC
78678802371
Woodhead
Yes
Physical
Cord Grip Body Size
F2 1/2"
Flange
No
Flip Lid
No
Gender
N/A
Length
N/A
Locking Blade
No
Net Weight
7.710/g
Poles
N/A
Electrical
Cord Type
N/A
Current - Maximum per Contact
N/A
GFCI
No
Lighted Connector
No
Voltage - Maximum
N/A
Material Info
Old Part Number
00-1921
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130180 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301800315

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301800310 MOLEX11-1301800310 Datasheet
37Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
1301800311 MOLEX11-1301800311 Datasheet
37Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
1301800312 MOLEX11-1301800312 Datasheet
24Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
1301800314 MOLEX11-1301800314 Datasheet
33Kb / 1P
   MAX-LOC O-Ring, 1/2 NPT
1301800317 MOLEX11-1301800317 Datasheet
37Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size; 2 holes 7.37mm (.290) Cord Diameter, Black
More results

Similar Description - 1301800315

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130180-0315 MOLEX11-130180-0315 Datasheet
31Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size; 2, 3 or 4 holes 5.72mm (.225) Cord Diameter, Black
1301800318 MOLEX11-1301800318 Datasheet
37Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size; 2, 3 or 4 holes 3.96mm (.156) Cord Diameter
130180-0316 MOLEX11-130180-0316 Datasheet
31Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size; 2 or 3 holes 6.35mm (.250) Cord Diameter
130180-0318 MOLEX11-130180-0318 Datasheet
31Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size; 2, 3 or 4 holes 3.96mm (.156) Cord Diameter,Orange
130180-0317 MOLEX11-130180-0317 Datasheet
31Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size; 2 holes 7.37mm (.290) Cord Diameter, Black
1301800317 MOLEX11-1301800317 Datasheet
37Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size; 2 holes 7.37mm (.290) Cord Diameter, Black
130180-0319 MOLEX11-130180-0319 Datasheet
31Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size 2, 3, 4, 5, 6, or 7 holes 4.75mm (.187) Cord Diameter
1301800319 MOLEX11-1301800319 Datasheet
37Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size 2, 3, 4, 5, 6, or 7 holes 4.75mm
1301800288 MOLEX11-1301800288 Datasheet
37Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size 12.70-14.27mm (.500-.562) Cord Diameter
1301800287 MOLEX11-1301800287 Datasheet
37Kb / 1P
   1/2 Cord Grip Grommet, F2 Body Size 9.53-11.10mm (.375-.437) Cord Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com