Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301800337 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301800337
Description  1/4 Cord Grip Grommet, F0 Body Size 5.08-6.73mm (.200-.265) Cord Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301800337 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301800337 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301800337
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
1/4" Cord Grip Grommet, F0 Body Size 5.08-6.73mm (.200-.265") Cord Diameter,
Green
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130180
IP Rating
IP67
NEMA Configuration
N/A
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8064
Product Name
Watertite®
Receptacle Type
N/A
Specialty
N/A
Type
Grommet
UPC
78678802186
Woodhead
Yes
Physical
Cord Grip Body Size
F0 1/4"
Flange
No
Flip Lid
No
Gender
N/A
Length
N/A
Locking Blade
No
Net Weight
0.900/g
Poles
N/A
Electrical
Cord Type
N/A
Current - Maximum per Contact
N/A
GFCI
No
Lighted Connector
No
Voltage - Maximum
N/A
Material Info
Old Part Number
00-0922
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130180 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301800337

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301800333 MOLEX11-1301800333 Datasheet
33Kb / 1P
   MAX-LOC O-Ring, 3/4 NPT
1301800334 MOLEX11-1301800334 Datasheet
33Kb / 1P
   MAX-LOC O-Ring, 1 NPT
1301800335 MOLEX11-1301800335 Datasheet
37Kb / 1P
   1/4 Cord Grip Grommet, F0 Body Size 1.91-3.43mm (.075-.135) Cord Diameter, Black
1301800336 MOLEX11-1301800336 Datasheet
37Kb / 1P
   1/4 Cord Grip Grommet, F0 Body Size 3.43-5.08mm (.135-.200) Cord Diameter, Gray
More results

Similar Description - 1301800337

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130180-0337 MOLEX11-130180-0337 Datasheet
31Kb / 1P
   1/4 Cord Grip Grommet, F0 Body Size 5.08-6.73mm (.200-.265) Cord Diameter,Green
1301800336 MOLEX11-1301800336 Datasheet
37Kb / 1P
   1/4 Cord Grip Grommet, F0 Body Size 3.43-5.08mm (.135-.200) Cord Diameter, Gray
130180-0336 MOLEX11-130180-0336 Datasheet
31Kb / 1P
   1/4 Cord Grip Grommet, F0 Body Size 3.43-5.08mm (.135-.200) Cord Diameter, Gray
130180-0335 MOLEX11-130180-0335 Datasheet
31Kb / 1P
   1/4 Cord Grip Grommet, F0 Body Size 1.91-3.43mm (.075-.135) Cord Diameter, Black
1301800335 MOLEX11-1301800335 Datasheet
37Kb / 1P
   1/4 Cord Grip Grommet, F0 Body Size 1.91-3.43mm (.075-.135) Cord Diameter, Black
1301800308 MOLEX11-1301800308 Datasheet
37Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
1301800312 MOLEX11-1301800312 Datasheet
24Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
1301800311 MOLEX11-1301800311 Datasheet
37Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
1301800310 MOLEX11-1301800310 Datasheet
37Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
1301800309 MOLEX11-1301800309 Datasheet
37Kb / 1P
   1 1/4 Cord Grip Grommet, F5 Body Size 22.23-28.58mm (.875-1.000) Cord Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com