Selected language     English  ▼


W005-W10 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part No. W005-W10
Description  Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

   
 1 page
background image
428
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Surge overload ratings to 40 or 50 amperes peak
Ideal for printed circuit board
Reliable low cost construction technique results in inexpensive
product
High temperature soldering guaranteed:
260oC / 10 seconds / 0.375” (9.5mm)
lead length at 5 lbs. (2.3 kg) tension
/
0
1
W
-
5
0
0
W
/
7
5
1
B
R
-
1
5
1
B
R
M
G
0
1
W
-
M
G
5
0
0
W
/
M
0
1
W
-
M
5
0
0
W
/
G
0
1
W
-
G
5
0
0
W
s
r
e
i
f
i
t
c
e
R
e
g
d
i
r
B
e
s
a
h
P
-
e
l
g
n
i
S
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
s
e
r
e
p
m
A
5
.
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
1
5
1
B
R2
5
1
B
R3
5
1
B
R4
5
1
B
R5
5
1
B
R6
5
1
B
R7
5
1
B
R
s
t
i
n
U
5
0
0
W1
0
W2
0
W4
0
W6
0
W8
0
W0
1
W
M
5
0
0
WM
1
0
WM
2
0
WM
4
0
WM
6
0
WM
8
0
WM
0
1
W
G
5
0
0
WG
1
0
WG
2
0
WG
4
0
WG
6
0
WG
8
0
WG
0
1
W
M
G
5
0
0
WM
G
1
0
WM
G
2
0
WM
G
4
0
WM
G
6
0
WM
G
8
0
WM
G
0
1
W
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
t
n
e
r
r
u
c
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
A
0
5
=
oCI
)
V
A
(
F
5
.
1s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s)
I
M
S
F
0
0
.
0
5
M
G
x
x
x
W
&
G
x
x
x
W
,
x
5
1
B
R
,
0
.
0
4
M
x
x
x
W
r
o
x
x
x
Ws
p
m
A
A
5
7
.
0
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
d
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
.
x
a
MV
F
0
.
1t
l
o
V
T
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
t
n
e
m
e
l
e
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
I
R
0
.
0
1
0
0
5
@
M
x
x
x
W
,
x
x
x
W
,
x
5
1
B
R
(T
A
0
0
1
=
o
@
M
G
x
x
x
W
r
o
G
x
x
x
W
,
CT
A
5
2
1
=
oC)
uA
)
1
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
6
3
3
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
M
G
x
x
x
W
&
G
x
x
x
W
,
x
5
1
B
R
,
5
2
1
+
o
t
5
5
-
M
x
x
x
W
r
o
x
x
x
W
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Case: Molded plastic
Lead: solder plated
Polarity: As marked
Weight: 1.07 grams (RB-15), 1.10 grams (WOB)
a
t
a
D
l
a
c
i
n
a
h
c
e
M
Notes:
1. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2 x 0.2" (5 x 5mm) copper pads
Package outline dimensions in inches (millimeters)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl