Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90710AP Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT90710AP
Description  High-Speed Isochronous Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation MT90710AP Datasheet HTML 10Page - Mitel Networks Corporation MT90710AP Datasheet HTML 11Page - Mitel Networks Corporation MT90710AP Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Information
MT90710
5-11
Fiber to ST-BUS
When ST6MUX is enabled the STo6A and STo6B
output streams are comprised of the demultiplexed
information received from the fiber link. The received
data is duplicated on two channels since the ST-BUS
channels support twice the bandwidth of the data
from the incoming fiber link. See Table 2.
When ST6MUX is disabled the STi6B and STo6B
ports are not operational. The STi6A and STo6A
ports operate as clear 2.048 MHz links in the same
manner as STi/o links 0 to 5.
Fiber Loop Synchronization
A receiver is declared in synchronization after
detection of three consecutive frames containing a
valid sync pattern. Once synchronized a receiver will
lose sync if a valid sync pattern is not detected in two
of four consecutive frames (refer to Figure 5).
LED Control
The open collector RLED output (pin 36) will cause
an
LED,
pulled
up
to
+5
volts,
to
flash
at
approximately a 4 Hz rate when the far-end is out of
synchronization but the near-end is synchronized. If
the near-end is not synchronized this output is
inactive.
The open collector LLED output (pin 70) will cause
an
LED,
pulled
up
to
+5
volts,
to
flash
at
approximately a 4 Hz rate when the near-end is out
of synchronization.
Checksum Generator
Checksum =
Where i-1 is the carry out from the previous
operation. The checksum is calculated on all 255
channels except on channel 0 where the frame
synchronization code is transported. During this
channel the previous checksum is stored and the
register initialized for the next calculation.
DATAi Ci 1
+
i
1
=
255
INCORRECT SYNC
SET SYNC = FALSE
CORRECT SYNC
SET SYNC = FALSE
CORRECT SYNC
SET SYNC = LAST STATE
INCORRECT SYNC
SET SYNC = LAST STATE
CORRECT SYNC
SET SYNC = TRUE
CORRECT SYNC
SET SYNC = TRUE
INCORRECT SYNC
SET SYNC = TRUE
INCORRECT SYNC
SET SYNC = FALSE
STATE 0
STATE 1
STATE 2
STATE 3
Figure 5 - State Diagram


Similar Part No. - MT90710AP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AB ZARLINK-MT9072AB Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
MT9072AV ZARLINK-MT9072AV Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT90710AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Burr-Brown (TI)
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com