Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90732AP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT90732AP
Description  CMOS E2/E3 Framer (E2/E3F)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90732AP Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MT90732AP Datasheet HTML 1Page - Mitel Networks Corporation MT90732AP Datasheet HTML 2Page - Mitel Networks Corporation MT90732AP Datasheet HTML 3Page - Mitel Networks Corporation MT90732AP Datasheet HTML 4Page - Mitel Networks Corporation MT90732AP Datasheet HTML 5Page - Mitel Networks Corporation MT90732AP Datasheet HTML 6Page - Mitel Networks Corporation MT90732AP Datasheet HTML 7Page - Mitel Networks Corporation MT90732AP Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5-20
MT90732 CMOS
Advance Information
Note: I = Input, O = Output, P = Power
30
RESET
I
Reset. A positive pulse applied to this pin resets the internal counters, logic
circuits, and the performance counters and control bits in the memory map to
zero. The reset pulse is applied after the power becomes stable.
49
DAIS
I
Disable AIS. A low disables the automatic insertion of AIS into the terminal
side receive nibble/serial bit stream.
50
TLCINV
I
Transmit Line Clock Invert. A low inverts the output clock TCK/TCKL when
operating in the dual rail mode.
5CV
O
Coding Violation. A positive pulse, one clock cycle wide, is generated when
an illegal coding violation is detected.
6RAIS
O
Receive Alarm Indication Signal. An active low alarm occurs within one milli-
second after the E2/E3F detects an all ones condition, including in the pres-
ence of a 10-3 error rate. An incoming signal with a framing pattern and all
ones in the data field is not mistaken as an AIS.
7RLOC
O
Receive Loss of Clock. An active low alarm occurs when there are no transi-
tions in the received clock (RCK/RCKL). Recovery occurs on the first clock
transition.
8
RLOF
O
Receive Loss of Frame. An active low alarm occurs when a valid frame can-
not be detected accordingly to G.7XX recommendations.
12
FE
O
Framing Error. An active high alarm occurs when one or more framing bits
are in error.
25
TLOC
O
Transmit Loss of Clock. An active low alarm occurs when there are no transi-
tions in the transmit clock (TCK). Recovery occurs on the first clock transition.
60
BIP-4E
O
BIP-4E. A positive pulse occurs when the comparison between the received
BIP-4 value and the calculated value does not match in a column.
Control Interface
Pin #
Name
I/O/P
Description
Functional Description
The block diagram for the E2/E3F is shown in Figure
1. The E2/E3F receives NRZ data signal (RDL) and
clock signal (RCKL), or a positive (RP) and negative
(RN) rail signal and clock signal (RCK), from a line
interface circuit. The selection of the line interface,
dual rail or NRZ, is controlled by the external lead
labeled NRZ LINE. Indications of HDB3 coding viola-
tion errors are provided on an external signal lead
(CV) as pulses. Coding violation errors are also
counted in an 8-bit saturating counter accessed by the
microprocessor through the memory map.
The selection of the framing format (G.742, G.745,
G.751 or G.753) is done by external control leads (M1
and M0), or by the microprocessor. The Framer Block
performs frame alignment and alarm detection includ-
ing Loss of Frame (RLOF), Loss of Clock (RLOC), AIS
detection (RAIS) and BIP-4 detection (BIP-4E). A
framing error (FE) output is also provided to indicate
when any of the framing bits in the G. 7XX frame are in
error. The disable AIS (DAIS) control lead permits the
E2/E3F to provide receive data on the terminal side
regardless of frame alignment. The external alarm
indications (latched and unlatched states) are provided
in the memory map, and unlatched alarm indications
are provided at signal leads.
The E2/E3F terminal side output block provides either
a bit-serial or a nibble-parallel interface. The interface
is selected by an external control lead (SER) or by the
microprocessor. The bit-serial interface consists of the
following signals: a data output signal (RSD), a clock
output signal (RSC), a receive clock gapped output
signal (RCG), and a framing pulse (RSF). The receive
clock gapped signal (RCG) identifies framing and ser-
vice bit times. The nibble-parallel interface consists of
data output signal having a nibble format (RNIB3
through RNIB0), a clock output signal (RNC), and a
framing pulse (RNF). In the nibble mode, the framing
pattern, service bits and BIP-4 nibble are not provided
at the interface. The receive nibble clock (RNC) is
gapped during framing pattern, service bit and BIP-4
times.


Similar Part No. - MT90732AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90733 MITEL-MT90733 Datasheet
52Kb / 8P
   CMOS DS3 Framer (DS3F)
MT90733AP MITEL-MT90733AP Datasheet
52Kb / 8P
   CMOS DS3 Framer (DS3F)
More results

Similar Description - MT90732AP

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TFRA84J13 AGERE-TFRA84J13 Datasheet
240Kb / 14P
   Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com