Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS3273E Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS3273E
Description  Lcd 4 Digit Alarm Clock With 16 Dots Animation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3273E Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS3273E Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LSI
LS3273E
Version1.0(05.05.10)
3
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B0, B1
OUTPUT
Buzzer output
V1, V2
OUTPUT
Doubler output
VEE
OUTPUT
-1.5V
T1, T2
INPUT
TEST pin
OO
OUTPUT
32KHz oscillator output
OI
INPUT
32KHz oscillator input
VDD
POWER
+1.5V power supply
GND
POWER
Ground
HR,MIN,SNZ,I8
INPUT(PL)
Input key
ALS,NORS,ALOFF,MODE
,ALSTOP
INPUT
Bonding option
PB
INPUT(PH)
Power up reset
C[1:3]
OUTPUT
LCD Common output
S[1:17]
OUTPUT
LCD Segment output
Note: (PH) - pull high;
16 Animation dots moving
AA1
AA2
AA3
AA4
AA5
AA6
AA7
AA8
AA9
AA1
0
BB1
BB2
BB3
BB4
BB5
Second1
*
*
Second2
*
*
*
*
Second3
*
*
*
*
*
*
Second4
*
*
*
*
*
*
*
*
Second5
*
*
*
*
*
*
*
*
*
*
Second6
*
*
*
*
*
*
*
*
*
*
Second7
*
*
*
*
*
*
*
*
*
*
Second8
*
*
*
*
*
*
*
*
*
*
Second9
*
*
*
*
*
*
*
*
*
*
Second10
*
*
*
*
*
*
*
*
*
*
Second11
*
*
*
*
*
*
*
*
*
*
Second12
*
*
*
*
*
*
*
*
*
*
Second13
*
*
*
*
*
*
*
*
*
*
Second14
*
*
*
*
*
*
*
*
*
*
Second15
*
*
*
*
*
*
*
*
*
*
Second16
*
*
*
*
*
*
*
*
Second17
*
*
*
*
*
*
Second18
*
*
*
*
Second19
*
*
Second20
** After second 20, it will be returned to second1.


Similar Part No. - LS3273E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS32 GOOD-ARK-LS32 Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
LS32 FS-LS32 Datasheet
132Kb / 2P
   Schottky Rectifier
logo
List of Unclassifed Man...
LS32-1500 ETC2-LS32-1500 Datasheet
283Kb / 4P
   Compact Flow Meter for Low Flow Rates
logo
Linear Integrated Syste...
LS320 LINEAR-LS320 Datasheet
177Kb / 1P
   HIGH INPUT IMPEDANCE BiFET AMPLIFIER
logo
Micross Components
LS320 MICROSS-LS320 Datasheet
295Kb / 1P
   Linear Systems High Input Impedance BiFET Amplifier
More results

Similar Description - LS3273E

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS3263 BOWIN-LS3263 Datasheet
102Kb / 9P
   6 Dot Animation 4 Digit Alarm Clock With Calendar
LS3262 BOWIN-LS3262 Datasheet
92Kb / 9P
   4 Digit Alarm Clock With Calendar
logo
UMC Corporation
UM3273 UMC-UM3273 Datasheet
695Kb / 9P
   3 1/2 - DIGIT MULTIPLEXED LCD ALARM CLOCK
logo
NXP Semiconductors
PCF1171C PHILIPS-PCF1171C Datasheet
112Kb / 16P
   4-digit LCD car clock
1996 Jan 08
PCF1179C PHILIPS-PCF1179C Datasheet
133Kb / 20P
   4-digit duplex LCD car clock
1997 Apr 16
PCF1175C PHILIPS-PCF1175C Datasheet
132Kb / 20P
   4-digit duplex LCD car clock
1997 Apr 16
PCF1174C PHILIPS-PCF1174C Datasheet
133Kb / 20P
   4-digit static LCD car clock
1997 Apr 16
PCF1178C PHILIPS-PCF1178C Datasheet
132Kb / 20P
   4-digit duplex LCD car clock
1997 Apr 16
logo
Generalplus Technology ...
GPL169256A GENERALPLUS-GPL169256A Datasheet
1Mb / 17P
   16-bit LCD Controller with 2368 Dots Driver
logo
Allegro MicroSystems
5616 ALLEGRO-5616 Datasheet
87Kb / 6P
   2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK-PROGRAMMABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com