Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS6109 Datasheet(PDF) 9 Page - BOWIN ELECTRONIC CO.

Part # LS6109
Description  Scroll Second Watch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6109 Datasheet(HTML) 9 Page - BOWIN ELECTRONIC CO.

  LS6109 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6109 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LSI
LS6109
Version 0.2 (24.11.00)
9
PIN | SIGNAL | C3
| C2
| C1
|
=======================================
1
| Seg 28 | 1B
| 2D
|
|
2
| Seg 27 | 1C
| 2E
| 2F
|
3
| Seg 26 |1ADEG| 2G
| 2A
|
4
| Seg 25 | PM
| 2C
| 2B
|
5
| Seg 24 |
| 3D
| CT
|
6
| Seg 23 |
| 3E
| 3F
|
7
| Seg 22 | AL
| 3G
| 3A
|
8
| Seg 21 | CH
| 3C
| 3B
|
9
| Seg 20 | H24 | 4D
|
|
10 | Seg 19 |
| 4E
| 4F
|
11 | Seg 18 |
| 4G
| 4A
|
12 | Seg 17 |
| 4C
| 4B
|
13 | COM 3
|COM3 |
|
|
14 | COM 2
|
| COM2|
|
15 | COM 1
|
|
|COM1 |
16 | Seg
1 |
|
|
|
17 | Seg
2 |
|
|
|
18 | Seg
3 | L1A | L1B | L1C |
19 | Seg
4 | L2A | L2B | L2C |
20 | Seg
5 | L3A | L3B | L3C |
21 | Seg
6 | L4A | L4B | L4C |
22 | Seg
7 | L5A | L5B | L5C |
23 | Seg
8 | L6A | L6B | L6C |
24 | Seg
9 | R3C | R3B | R3A |
25 | Seg 10 | R4C | R4B | R4A |
26 | Seg 11 | R5C | R5B | R5A |
27 | Seg 12 | R6C | R6B | R6A |
28 | Seg 13 | RR
|
| MM
|
29 | Seg 14 |
|
|
|
30 | Seg 15 | R1C | R1B | R1C |
31 | Seg 16 | R2C | R2B | R2C |


Similar Part No. - LS6109

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LS610014 DIT-LS610014 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LS610022 DIT-LS610022 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LS610025 DIT-LS610025 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LS610026 DIT-LS610026 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LS610044 DIT-LS610044 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
More results

Similar Description - LS6109

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IDP-10 HP-IDP-10 Datasheet
484Kb / 2P
   Dry Scroll Vacuum Pump
IDP-7 HP-IDP-7 Datasheet
498Kb / 2P
   Dry Scroll Vacuum Pump
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX Datasheet
58Kb / 1P
   Watch Crysatals
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
   Watch crystal
01/02/2017
logo
Agilent(Hewlett-Packard...
IDP-3 HP-IDP-3 Datasheet
340Kb / 2P
   Pompa per vuoto scroll a secco
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX_07 Datasheet
53Kb / 1P
   Watch Crystals
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
   Watch Crystal
03-10-07
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
   Math Watch
logo
Advanced Crystal Techno...
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
   Watch crystal
01/02/2017
logo
Extech Instruments Corp...
HW30 EXTECH-HW30 Datasheet
325Kb / 1P
   Heat Watch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com