Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2CP1018 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE2CP1018
Description  Dual Directional 20 dB SMA Coupler From 2 GHz to 6 GHz Rated To 100 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1018 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE2CP1018 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1018 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1018 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2014 Pasternack Enterprises All Rights Reserved
PE2CP1018 REV 1.0
Dual Directional 20 dB SMA Coupler From 2 GHz to 6 GHz Rated To 100 Watts
PE2CP1018 CAD Drawing


Similar Part No. - PE2CP1018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1010 PASTERNACK-PE2CP1010 Datasheet
350Kb / 3P
   Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 500 Watts
PE2CP1011 PASTERNACK-PE2CP1011 Datasheet
350Kb / 3P
   Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 200 Watts
PE2CP1012 PASTERNACK-PE2CP1012 Datasheet
350Kb / 3P
   Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts
PE2CP1013 PASTERNACK-PE2CP1013 Datasheet
349Kb / 3P
   Dual Directional 40 dB N Coupler From 500 MHz to 3 GHz Rated To 200 Watts
PE2CP1014 PASTERNACK-PE2CP1014 Datasheet
351Kb / 3P
   Dual Directional 40 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 200 Watts
More results

Similar Description - PE2CP1018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2218-20 PASTERNACK-PE2218-20 Datasheet
318Kb / 3P
   Dual Directional 20 dB SMA Coupler From 1 GHz to 2 GHz Rated To 50 Watts
PE2219-20 PASTERNACK-PE2219-20 Datasheet
214Kb / 3P
   Dual Directional 20 dB SMA Coupler From 2 GHz to 4 GHz Rated To 50 Watts
PE2CP1019 PASTERNACK-PE2CP1019 Datasheet
352Kb / 3P
   Dual Directional 20 dB N Coupler From 2 GHz to 6 GHz Rated To 200 Watts
PE2223-20 PASTERNACK-PE2223-20 Datasheet
215Kb / 3P
   Dual Directional 20 dB SMA Coupler From 8 GHz to 16 GHz Rated To 50 Watts
PE2220-20 PASTERNACK-PE2220-20 Datasheet
213Kb / 3P
   Dual Directional 20 dB SMA Coupler From 2.6 GHz to 5.2 GHz Rated To 50 Watts
PE2221-20 PASTERNACK-PE2221-20 Datasheet
215Kb / 3P
   Dual Directional 20 dB SMA Coupler From 4 GHz to 8 GHz Rated To 50 Watts
PE2224-20 PASTERNACK-PE2224-20 Datasheet
214Kb / 3P
   Dual Directional 20 dB SMA Coupler From 12.4 GHz to 18 GHz Rated To 50 Watts
PE2219-10 PASTERNACK-PE2219-10 Datasheet
215Kb / 3P
   Dual Directional 10 dB SMA Coupler From 2 GHz to 4 GHz Rated To 10 Watts
PE2218-10 PASTERNACK-PE2218-10 Datasheet
213Kb / 3P
   Dual Directional 10 dB SMA Coupler From 1 GHz to 2 GHz Rated To 10 Watts
PE2219-30 PASTERNACK-PE2219-30 Datasheet
213Kb / 3P
   Dual Directional 30 dB SMA Coupler From 2 GHz to 4 GHz Rated To 10 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com