Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9076AB Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9076AB
Description  T1/E1/J1 3.3V Single Chip Transceiver
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9076AB Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9076AB Datasheet HTML 1Page - Mitel Networks Corporation MT9076AB Datasheet HTML 2Page - Mitel Networks Corporation MT9076AB Datasheet HTML 3Page - Mitel Networks Corporation MT9076AB Datasheet HTML 4Page - Mitel Networks Corporation MT9076AB Datasheet HTML 5Page - Mitel Networks Corporation MT9076AB Datasheet HTML 6Page - Mitel Networks Corporation MT9076AB Datasheet HTML 7Page - Mitel Networks Corporation MT9076AB Datasheet HTML 8Page - Mitel Networks Corporation MT9076AB Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
Preliminary Information
MT9076
5
42
17
RxMF/
TxFP
Receive Multiframe Boundary / Transmit Frame Boundary (5V tolerant Output). If
the control bit Tx8KEN (page 02H address 10H bit 2) is low, this negative output pulse
delimits the received multiframe boundary. The next frame output on the data stream
(DSTo) is basic frame zero on the T1 or PCM 30 link. In E1 mode this receive
multiframe signal can be related to either the receive CRC multiframe (page 01H,
address 17H, bit 6, MFSEL=1) or the receive signaling multiframe (MFSEL=0). If the
control bit Tx8KEN is set high, this positive output pulse delimits the frame boundary
(the first bit transmit in the frame) for the digital output stream on pins TXA and TXB.
43
18
BS/LS
Bus/Line Syncronization Mode Selection (5V tolerant Input). If high, C4b and F0b
will be inputs; if low, C4b and F0b will be outputs.
44
22
Exclk
2.048 MHz in E1 mode or 1.544MHz in T1 mode, Extracted Clock (5V tolerant
Output). The clock extracted from the received signal and used internally to clock in
data received on RTIP and RRING.
45
23
C4b
4.096 MHz System Clock (5V tolerant Input/Output). C4b is the clock for the ST-BUS
sections and transmit serial PCM data of the MT9076. In the free-run (S/FR/Exclki=0) or
line synchronous mode (S/FR/Exclki=1 and BS/LS=0) this signal is an output, while in
bus synchronous mode (S/FR/Exclki=1 and BS/LS=1) this signal is an input clock.
46
24
F0b
Frame Pulse (5V tolerant Input/Output). This is the ST-BUS frame synchronization
signal, which delimits the 32 channel frame of CSTi, CSTo, DSTi, DSTo and the
PCM30 link. In the free-run (S/FR/Exclki=0) or line synchronous mode (S/FR/Exclki=1
and BS/LS=0) this signal is an output, while in bus synchronous mode (S/FR/Exclki=1
and BS/LS=1) this signal is an input.
47
25
RxFP
Receive Frame Pulse/Receive CCS Clock (5V tolerant Output). An 8kHz pulse
signal, which is low for one extracted clock period. This signal is synchronized to the
receive DS1 or PCM 30 basic frame boundary.
48
26
IC1
Internal Connection. Must be left open for normal operation.
49
27
VSS2
Negative Power Supply. Digital ground.
50
28
VDD2
Positive Power Supply. Digital supply (+3.3V
± 5%).
51
29
VDDATx Transmit Analog Power Supply. Analog supply for the LIU transmitter (+3.3V ±5%).
52
53
30
31
TTIP
TRING
Transmit TIP and RING(Output). Differential outputs for the transmit line signal - must
be transformer coupled (See Figure 6).
54
32
GNDATx Transmit Analog Ground . Analog ground for the LIU transmitter.
55
33
Tdi
IEEE 1149.1a Test Data Input (3V Input). If not used, this pin should be pulled high.
56
34
Tdo
IEEE 1149.1a Test Data Output (5V tolerant Output). If not used, this pin should be
left unconnected.
57
35
Tms
IEEE 1149.1a Test Mode Selection (3V Input). If not used, this pin should be pulled
high.
58
36
Tclk
IEEE 1149.1a Test Clock Signal (3V Input). If not used, this pin should be pulled high.
59
37
Trst
IEEE 1149.1a Reset Signal (3V Input). If not used, this pin should be held low.
60
38
TxAO
Transmit All Ones (Input). High - TTIP, TRING will transmit data normally. Low - TTIP,
TRING will transmit an all ones signal.
Pin Description (continued)
Pin #
Name
Description
PLCC LQFP


Similar Part No. - MT9076AB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MT9076 PULSE-MT9076 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
MT9076BB ZARLINK-MT9076BB Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
MT9076BB1 ZARLINK-MT9076BB1 Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
MT9076BP ZARLINK-MT9076BP Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
More results

Similar Description - MT9076AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com