Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90810 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT90810
Description  CMOS Flexible MVIP Interface Circuit
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90810 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT90810 Datasheet HTML 1Page - Mitel Networks Corporation MT90810 Datasheet HTML 2Page - Mitel Networks Corporation MT90810 Datasheet HTML 3Page - Mitel Networks Corporation MT90810 Datasheet HTML 4Page - Mitel Networks Corporation MT90810 Datasheet HTML 5Page - Mitel Networks Corporation MT90810 Datasheet HTML 6Page - Mitel Networks Corporation MT90810 Datasheet HTML 7Page - Mitel Networks Corporation MT90810 Datasheet HTML 8Page - Mitel Networks Corporation MT90810 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
2-145
®
Features
•MVIPand ST-BUScompliant
MVIP Enhanced Switching with 384x384
channel capacity (256 MVIP channels; 128
local channels)
On-chip PLL for MVIP master/slave operation
Local output clocks of 2.048,4.096,8.192MHz
with programmable polarity
Local serial interface is programmable to
2.048, 4.096, or 8.192Mb/s with associated
clock outputs
Additional control output stream
Per-channel message mode
Two independently programmable groups of up
to 12 framing signals each
Motorola non-multiplexed or Intel multiplexed/
non-multiplexed microprocessor interface
Applications
Medium size digital switch matrices
MVIP interface functions
Serial bus control and monitoring
Centralized voice processing systems
Voice/Data multiplexer
Description
Mitel’s MT90810 is a Flexible MVIP Interface Circuit
(FMIC).
The
MVIP
(Multi-Vendor
Integration
Protocol) compliant device provides a complete
MVIP compliant interface between the MVIP Bus and
a wide variety of processors, telephony interfaces
and other circuits. A built-in digital time-slot switch
provides MVIP enhanced switching between the full
MVIP Bus and any combination of up to 128 full
duplex local channels of 64kbps each. An 8 bit
microprocessor
port allows real-time
control
of
switching and programming of device configuration.
On-board clock circuitry, including both analog and
digital phase-locked loops, supports all MVIP clock
modes. The local interface supports PCM rates of
2.048, 4.096 and 8.192Mb/s, as well as parallel DMA
through the microprocessor port.
Ordering Information
MT90810AK
100 Pin PQFP
0 °C to +70 °C
Timing and Clock Control
(Oscillator and Analog & Digital PLLs)
Data Memory
Connection Memory
Programmable
Framing Signals
JTAG
Enhanced Switch
Microprocessor Interface
EX_8KA
EX_8KB
X2
X1/CLKIN PLL_LO
PLL_LI
FRAME
CLK8
CLK4
CLK2
RESET
LDO[0:3]
LDI[0:3]
CSTo
FGA[0:11]
FGB[0:11]
AD[0:7]
RDY/
DTACK
CS
RD/
DS
WR/
R/W
ALE
A[0:1]
DREQ[0:1] DACK[0:1]
ERR
TCK
TMS
TDI
TDO
SEC8K
F0b
C4b
C2o
DSo[0:7]
DSi[0:7]
S-P/
P-S
ISSUE 2
October 1994
Figure 1 - Functional Block Diagram
MT90810
Flexible MVIP Interface Circuit
Preliminary Information
CMOS


Similar Part No. - MT90810

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
logo
Mitel Networks Corporat...
MT90812 MITEL-MT90812 Datasheet
337Kb / 105P
   Integrated Digital Switch (IDX)
MT90812AL MITEL-MT90812AL Datasheet
337Kb / 105P
   Integrated Digital Switch (IDX)
MT90812AP MITEL-MT90812AP Datasheet
337Kb / 105P
   Integrated Digital Switch (IDX)
More results

Similar Description - MT90810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282_02 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
logo
Axiomtek Co., Ltd.
P1127E-871 AXIOMTEK-P1127E-871 Datasheet
370Kb / 2P
   Flexible expansion interface
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
MMD Components
MVIP MMD-MVIP_13 Datasheet
141Kb / 2P
   MVIP, MVIL & MVIV Series VCXO
logo
Pyramid Semiconductor C...
PACE1754 PYRAMID-PACE1754 Datasheet
171Kb / 20P
   SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
logo
Panasonic Semiconductor
R-F775 PANASONIC-R-F775 Datasheet
57Kb / 2P
   Flexible circuit board materials
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com