Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90810AK Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT90810AK
Description  CMOS Flexible MVIP Interface Circuit
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90810AK Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT90810AK Datasheet HTML 3Page - Mitel Networks Corporation MT90810AK Datasheet HTML 4Page - Mitel Networks Corporation MT90810AK Datasheet HTML 5Page - Mitel Networks Corporation MT90810AK Datasheet HTML 6Page - Mitel Networks Corporation MT90810AK Datasheet HTML 7Page - Mitel Networks Corporation MT90810AK Datasheet HTML 8Page - Mitel Networks Corporation MT90810AK Datasheet HTML 9Page - Mitel Networks Corporation MT90810AK Datasheet HTML 10Page - Mitel Networks Corporation MT90810AK Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Preliminary Information
MT90810
2-151
Figure 4 - Clock Control Functional Block Diagram
SEC8K
EX_8KA
EX_8KB
C4b
X1
F0b
Digital
PLL
16MHz
div 4
div 2
XCLK_SEL
0
1
2
PLL_MODE
1, 5
2, 6
3, 7
PLL_MODE
X2
Jittery 4.096MHz
60ns peak jitter
(sampler)
Phase
Comparator
VCO
External 8kHz
div 4
8kHz
0
4
up/
PLL_LO
PLL_LI
external
loop
filter
down
External
16MHz Crystal
SEC8K
EX_8KA
EX_8KB
FRAME
EN_SEC8K
SEL_S8K
0
1
2
CLK8
C4b
CLK4
C2o
CLK2
FRAME
F0b
div
by 2 @32MHz
16MHz
4.096MHz
Analog PLL
FMIC
state
machine
8kHz clock. The digital PLL state machine is clocked
at 16.384MHz. The digital PLL maintains lock by
occasionally dropping or repeating a 16.384MHz
clock period on the generated 4.096MHz clock.
Consequently, the 4.096MHz clock has jitter equal to
about 60ns. If the output of the digital PLL is chosen
as the input to the analog PLL, a slow loop filter with
a time constant greater than several 8kHz frames will
smooth out the jitter.
The clock oscillator pins X1 and X2 can be used with
an external 16.384MHz crystal or pin X1 can be used
directly as a clock input with X2 left unconnected.
When X1 is used as a clock input, the frequency of
the clock can be selected to be either 16.384MHz or
8.192MHz or 4.096MHz by changing the XCLK_SEL
bits in the CLK_CNTL register.
The overall FMIC state machine from which all timing
is derived, is clocked by the 16.384MHz output of the
analog PLL, the device’s master clock. The state
machine controls all timing in the FMIC and has a
period equal to one MVIP frame (8kHz). This state
machine can either free run or synchronize to an
8kHz source such as the MVIP F0 signal or an
external 8kHz reference.
Refer to Figure 4 - “Clock Control Functional Block
Diagram” for further details.
The operation of the PLLs and the state machine is
controlled by the clock control register as described
in Figure 6 - “Clock Control (CLK_CNTRL) Register”
and Tables 8 to 10. The clock circuitry (PLLs and
state machine) operates in eight different modes.
They are:
FMIC as Timing Master (Mode 0)
The FMIC is configured as the timing master
(CLK_CNTRL
register
cleared,
PLL
mode
0
selected) after reset. The external 16.384MHz input
is divided by four and used as the input to the analog
PLL so the internal master clock is phase locked to
the 16.384MHz oscillator. The FMIC state machine is
free-running and does not synchronize to any
external 8kHz source.
In this mode, the XLCK_SEL bits of the clock control
register can be programmed to accommodate an
8.192MHz or 4.096MHz external clock instead of the
default 16.384MHz.
The FMIC becomes MVIP master when MVIP_MST
bit is set in the Control/Status register. This mode
can be used when the FMIC chip is to become timing
master in a system which has no digital network
connections (T1 or E1).
FMIC as MVIP Slave (Mode 4)
When this mode is selected, MVIP C4 clock is
selected as the input to the analog PLL. The FMIC
internal master clock is then synchronized to the
MVIP bus timing. The FMIC state machine is also
synchronized to the MVIP F0 framing signal.
The MVIP_MST bit in the Control/Status register
should never be set when the device is in mode 4 as
the FMIC is entirely slave to the MVIP bus timing.


Similar Part No. - MT90810AK

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
logo
Mitel Networks Corporat...
MT90812 MITEL-MT90812 Datasheet
337Kb / 105P
   Integrated Digital Switch (IDX)
MT90812AL MITEL-MT90812AL Datasheet
337Kb / 105P
   Integrated Digital Switch (IDX)
MT90812AP MITEL-MT90812AP Datasheet
337Kb / 105P
   Integrated Digital Switch (IDX)
More results

Similar Description - MT90810AK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282_02 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
logo
Axiomtek Co., Ltd.
P1127E-871 AXIOMTEK-P1127E-871 Datasheet
370Kb / 2P
   Flexible expansion interface
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
MMD Components
MVIP MMD-MVIP_13 Datasheet
141Kb / 2P
   MVIP, MVIL & MVIV Series VCXO
logo
Pyramid Semiconductor C...
PACE1754 PYRAMID-PACE1754 Datasheet
171Kb / 20P
   SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
logo
Panasonic Semiconductor
R-F775 PANASONIC-R-F775 Datasheet
57Kb / 2P
   Flexible circuit board materials
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com