Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5852DS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5852DS
Description  Digital Audio Processor LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852DS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5852DS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SM5852DS
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O1
1. Ip = Input pin with pull-up resistor. Accordingly, they can be left open for HIGH-level input.
Description
1
LRCI
Ip
Input data sample rate (fs) clock input
2
BCKI
Ip
Bit clock input
3
DI
Ip
Serial data input
4
CLK
I
Clock input
5
VSS
Ground
6
RSTN
Ip
System reset initialization. Reset when LOW.
7
TESTN
Ip
Test mode input. Testing when LOW.
8
MUTEN
Ip
Mute input. Muting when LOW.
9
DOUT
O
Serial data output
10
BCKO
O
Bit clock output
11
LRCO
O
Output data sample rate (fs) clock output
12
VDD
3.2 to 5.5 V supply
13
OPT
Ip
ASC ON/OFF switch control. OFF when HIGH, and ON when LOW.
14
MOD1
Ip
XBS/LIVE low-pass gain select inputs.The XBS/LIVE function is bypassed when both MOD1
and MOD2 are HIGH.
15
MOD2
Ip
16
DB/DS
Ip
LIVE ON/OFF switch control. OFF when HIGH, and ON when LOW.The LIVE function is
bypassed when both MOD1 and MOD2 are HIGH.


Similar Part No. - SM5852DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5852 ETC2-SM5852 Datasheet
216Kb / 4P
   Amplified Pressure Sensor
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
   SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
SM5852-001-A-3-L ETC2-SM5852-001-A-3-L Datasheet
216Kb / 4P
   Amplified Pressure Sensor
SM5852-001-A-3-N ETC2-SM5852-001-A-3-N Datasheet
216Kb / 4P
   Amplified Pressure Sensor
SM5852-001-A-5-L ETC2-SM5852-001-A-5-L Datasheet
216Kb / 4P
   Amplified Pressure Sensor
More results

Similar Description - SM5852DS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
logo
Texas Instruments
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com