Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90812AL Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT90812AL
Description  Integrated Digital Switch (IDX)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90812AL Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT90812AL Datasheet HTML 2Page - Mitel Networks Corporation MT90812AL Datasheet HTML 3Page - Mitel Networks Corporation MT90812AL Datasheet HTML 4Page - Mitel Networks Corporation MT90812AL Datasheet HTML 5Page - Mitel Networks Corporation MT90812AL Datasheet HTML 6Page - Mitel Networks Corporation MT90812AL Datasheet HTML 7Page - Mitel Networks Corporation MT90812AL Datasheet HTML 8Page - Mitel Networks Corporation MT90812AL Datasheet HTML 9Page - Mitel Networks Corporation MT90812AL Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
MT90812
Advance Information
6
Overview
The MT90812 Integrated Digital Switch (IDX) provides the integration of several functions required in a telecom
application. The IDX includes a digital switch for switching up to 192 x 192 channels, five conference bridges, a
DTMF/supervisory-tone bus and two digital energy detector circuits for trunk call progress tone detection.
There are two 2.048 Mbit/s Serial Links and an Expansion Bus that can operate at 2.048, 4.096 or 8.192 Mb/s.
A digital Frequency Shift Keying (FSK) transmitter, compatible to Bell 202 or CCITT V.23 1200 baud is
provided. D-Channel control is realized by microprocessor access to the MT90812. D-Channel messages are
relayed to and from the 2B+D line transceivers via the local TDM link. In D-channel Basic Receive/Transmit
mode a 32 byte buffer is provided for each of the transmit and receive directions, and these can be
independently assigned to specific D-channels. Alternatively, the HDLC controller mode can be selected,
providing an interface to the MT8952 HDLC. The HDLC controller mode provides the necessary control signals
to operate the MT8952 HDLC in external timing mode, allowing multiplexing of the MT8952 over the local TDM
links.
The MT90812 also provides an interface to the Expansion Bus capable of linking a number of MT90812
devices together directly or in a larger matrix through other digital switches. Each MT90812 can route any of
the 64 channels associated with the local TDM streams onto the Expansion Bus. Thus, system growth is easily
achieved via the addition of a MT90812 device onto the Expansion Bus. Very little hardware overhead is
required to enable cost effective system growth.
In a multi-IDX system functions including Conferencing, Tone generation, Supervisory Signal Detection, D-
channel Receiver and Transmitter, Tone Ringer and FSK Transmitter can be shared across the system. For
example, in a system consisting of four MT90812 devices, 20 three party conferences can be supported,
independent of which MT90812 the party originated. For Tone Generation, 6 programmable tones per
MT90812 translates to 24 programmable tones in a four MT90812 system, all of which can be routed to any
channel in the system.
54
14
F4o
Frame Pulse for 4.096 MHz (Output). This is an 8 KHz output frame pulse that
indicates the start of the active ST-Bus/GCI frame. The pulse width is based upon
the period of the C4o clock.
55
15
C2o
Clock 2.048 MHz (Output). This output is an 2.048 MHz output clock locked to
the reference input signal.
56
16
C4o
Clock 4.096 MHz (Output). This output is an 4.096 MHz output clock locked to
the reference input signal.
57
17
C10o
Clock 10.24MHz (Output). This output is a 10.24 MHz clock locked to the
reference input signal.
58
18
VSS3
Ground.
59
19
R+
Ringing Generator +ve Output. This output is a 16, 20, 25 or 50 Hz square
wave.
60
20
R-
Ringing Generator -ve Output. Square wave output 180 degrees out of phase
with R+.
61
21
RESET
Device Reset (Input). When 0, reset the device internal counters, registers and
tri-states STo0, STo1, EST0, EST1 and data outputs from the microport.
62
22
IC
Internal Connection. Tie to Vss for normal operation.
63
23
VDD
+5 Volt Power Supply.
64
24
VSS4
Ground.
Pin Description (continued)
Pin #
Name
Description
64 Pin
MQFP
68 Pin
PLCC


Similar Part No. - MT90812AL

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
logo
Mitel Networks Corporat...
MT90810 MITEL-MT90810 Datasheet
303Kb / 34P
   CMOS Flexible MVIP Interface Circuit
MT90810AK MITEL-MT90810AK Datasheet
303Kb / 34P
   CMOS Flexible MVIP Interface Circuit
More results

Similar Description - MT90812AL

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ66FU KEC-KIC7SZ66FU Datasheet
408Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7S66FU KEC-KIC7S66FU Datasheet
304Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7W66FK KEC-KIC7W66FK Datasheet
444Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL BILATERAL SWITCH)
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP_07 Datasheet
283Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Bilateral Switch
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
561Kb / 17P
   Digital Switch
logo
RF Micro Devices
RF5620 RFMD-RF5620 Datasheet
482Kb / 8P
   INTEGRATED SWITCH MODULE
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com