Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90820AP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT90820AP
Description  CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90820AP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT90820AP Datasheet HTML 1Page - Mitel Networks Corporation MT90820AP Datasheet HTML 2Page - Mitel Networks Corporation MT90820AP Datasheet HTML 3Page - Mitel Networks Corporation MT90820AP Datasheet HTML 4Page - Mitel Networks Corporation MT90820AP Datasheet HTML 5Page - Mitel Networks Corporation MT90820AP Datasheet HTML 6Page - Mitel Networks Corporation MT90820AP Datasheet HTML 7Page - Mitel Networks Corporation MT90820AP Datasheet HTML 8Page - Mitel Networks Corporation MT90820AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-179
®
Features
2,048 channel non-blocking switch
Maintains frame integrity on concatenated
channels.
Per-channel selection of minimum or constant
throughput delay
Serial streams at 2.048, 4.096 or 8.192Mb/s
Frame offset delay measurement
Programmable frame delay offset
Per-channel three-state control
Per-channel message mode
Control interface compatible to Intel/Motorola
CPUs
Block programming feature for connection
memory
ST-BUS/MVIP and GCI interfaces
Test Port compatible to IEEE-1149.1 standard
Applications
Medium and large switching platforms
C.O. switches
CTI application
Voice/data multiplexer
Digital cross connects
ST-BUS/HMVIP interface functions
Description
The Large Digital Switch (LDX) is an advanced
digital switch allowing the users to build up to 2048
channel non-blocking switch. The serial interface can
be at 2, 4 or 8 Mb/s compatible to ST-BUS/MVIP/
HMVIP
or
GCI
standards.
The
LDX
can
be
programmed to provide either minimum or constant
throughput delay on all its channels. The device also
features three-state control and message mode on
per-channel basis.
To manage the problem of line delays, each input
stream can have an individually programmed input
frame offset delay. The offset delay can be calibrated
with a dedicated frame measurement facility inside
the device.
Figure 1 - Functional Block Diagram
STo0
STo1
STo2
STo3
STo4
STo5
STo6
STo7
STo8
STo9
STo10
STo11
STo12
STo13
STo14
STo15
STi0
STi1
STi2
STi3
STi4
STi5
STi6
STi7
STi8
STi9
STi10
STi11
STi12
STi13
STi14
STi15
Parallel
to
Serial
Converter
Output
MUX
Multiple Buffer
Data Memory
Test Port
Microprocessor Interface
Timing
Unit
Internal
Registers
FRM FE/
AS/
IM DS
RD
CS
R/W
WR
A7-A0
ALE
HCLK
DTA D15-D8/
AD7-AD0
CSTo
ODE
VSS
Connection
Memory
CLK
VDD
HMVIP
TDI
TDO
TEST RESETB
TCK TRSTB
Serial
to
Parallel
Converter
TMS
ISSUE 1
May 1995
MT90820
Large Digital Switch (LDX)
Ordering Information
MT90820AP
84 Pin PLCC
MT90820AL
100 Pin QFP
-40 to +85°C
Advance Information
CMOS ST-BUS
™ FAMILY


Similar Part No. - MT90820AP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90820AP ZARLINK-MT90820AP Datasheet
573Kb / 37P
   Large Digital Switch
MT90820AP1 ZARLINK-MT90820AP1 Datasheet
573Kb / 37P
   Large Digital Switch
MT90820APR ZARLINK-MT90820APR Datasheet
573Kb / 37P
   Large Digital Switch
MT90820APR1 ZARLINK-MT90820APR1 Datasheet
573Kb / 37P
   Large Digital Switch
More results

Similar Description - MT90820AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Toshiba Semiconductor
MT3S35T TOSHIBA-MT3S35T Datasheet
122Kb / 4P
   CMOS ST-BUS Family Multiple Rate Digital Switch
logo
Mitel Networks Corporat...
MT8986 MITEL-MT8986 Datasheet
448Kb / 38P
   CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com