Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90866 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT90866
Description  WAN Access Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90866 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT90866 Datasheet HTML 1Page - Mitel Networks Corporation MT90866 Datasheet HTML 2Page - Mitel Networks Corporation MT90866 Datasheet HTML 3Page - Mitel Networks Corporation MT90866 Datasheet HTML 4Page - Mitel Networks Corporation MT90866 Datasheet HTML 5Page - Mitel Networks Corporation MT90866 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
3.3V operation with 5V tolerant inputs and I/O’s
2,432 x 2,432 channel non-blocking switching
among local streams
4,096 x 2,432 channel blocking switching
between backplane and local streams
2,048 x 2,048 channel non-blocking switching
among backplane streams
Rate conversion between backplane and local
streams
Rate conversion among local streams
Backplane interface accepts data rates of
8.192Mb/s or 16.384Mb/s
Local interface accepts data rates of 2.048Mb/
s, 4.096Mb/s or 8.192Mb/s
Sub-rate switching (2 or 4 bits) configuration for
local streams at a data rate of 2.048Mb/s
Per-channel variable or constant throughput
delay
Fully compliant to H.110 Timing specifications
Automatic frame offset delay measurement for
backplane streams
Per-stream input frame delay offset, up to 128
bytes, programmable for local streams on a per
quarter bit or per channel basis
Per-stream output frame advancement,
programmable for backplane and local streams
Per-channel direction control for backplane
streams
Per-channel message mode for backplane and
local streams
Per-channel high impedance output control for
backplane and local streams
Pseudo-Random Binary Sequence (PRBS)
pattern generation and testing for backplane
and local streams
5V tolerant PCI driver on CT-Bus I/O’s
Integrated PLL, compatible to Stratum 4
Enhanced clock switching standard
Non-multiplexed microprocessor interface
Connection memory block programming for fast
device initialization
Tristate-control outputs for external drivers
Conform to the mandatory requirements of the
IEEE-1149.1 (JTAG) standard
Applications
Multi-service access platforms
CTI applications
Gateways, Integrated Access Devices
ST-BUS and H.110 interface applications
Description
The MT90866 Digital Switch provides switching
capacities of 4,096 x 2,432 channels between
backplane
and
local
streams,
2,432
x
2,432
channels among local streams and 2,048 x 2,048
channels among backplane streams. The local
connected serial inputs and outputs have 32, 64 and
128 64kb/s channels per frame with data rates of
2.048,
4.096
and
8.192Mb/s
respectively.
The
backplane connected serial inputs and outputs have
128 and 256 64kb/s channels per frame with data
rates of 8.192 and 16.384Mb/s respectively.
The MT90866 also offers a sub-rate switching
configuration which allows 2-bit wide 16kb/s or 4-bit
wide 32kb/s data channels to be switched within the
device.
The device has features that are programmable on
per-stream or per-channel basis including message
mode, input delay offset, output advancement offset,
direction control and high impedance output control.
Ordering Information
MT90866AL
256 Pin LQFP
MT90866AG
240 Pin LBGA
-40
°C to +85°C
DS5279
ISSUE 2
Feburary 2000
MT90866
WAN Access Switch
Product Brief


Similar Part No. - MT90866

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90866 ZARLINK-MT90866 Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
MT90866AG ZARLINK-MT90866AG Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
MT90866AG2 ZARLINK-MT90866AG2 Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
More results

Similar Description - MT90866

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com