Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4140U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS4140U
Description  40 V low VCEsat NPN transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4140U Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS4140U_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4140U_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4140U_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4140U_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4140U_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4140U_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4140U_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4140U_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Jul 13
3
NXP Semiconductors
Product data sheet
40 V low VCEsat NPN transistor
PBSS4140U
THERMAL CHARACTERISTICS
Notes
1.
Device mounted on a printed-circuit board, single sided copper, tinplated and standard footprint.
2.
Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 1 cm2.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
in free air; note 1
500
K/W
in free air; note 2
357
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off
current
VCB = 40 V; IC = 0
100
nA
VCB = 40 V; IC = 0; Tamb = 150 °C
50
μA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB = 0
100
nA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0
100
nA
hFE
DC current gain
VCE = 5 V; IC = 1 mA
300
VCE = 5 V; IC = 500 mA
300
900
VCE = 5 V; IC = 1 A
200
VCEsat
collector-emitter saturation
voltage
IC = 100 mA; IB = 1 mA
200
mV
IC = 500 mA; IB = 50 mA
250
mV
IC = 1 A; IB = 100 mA
500
mV
RCEsat
equivalent on-resistance
IC = 500 mA; IB = 50 mA; note 1
260
<500
m
Ω
VBEsat
base-emitter saturation
voltage
IC = 1 A; IB = 100 mA
1.2
V
VBEon
base-emitter turn-on voltage VCE = 5 V; IC = 1 A
1.1
V
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz
150
MHz
Cc
collector capacitance
VCB = 10 V; IE = Ie = 0; f = 1 MHz
10
pF


Similar Part No. - PBSS4140U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4140U PHILIPS-PBSS4140U Datasheet
64Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4140U NEXPERIA-PBSS4140U Datasheet
472Kb / 9P
   40 V low VCEsat NPN transistor
2001 Jul 13
More results

Similar Description - PBSS4140U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540Z PHILIPS-PBSS4540Z_15 Datasheet
153Kb / 9P
   40 V low VCEsat NPN transistor
2001 Nov 14
PBSS4240Y PHILIPS-PBSS4240Y_15 Datasheet
267Kb / 7P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4140V NEXPERIA-PBSS4140V Datasheet
522Kb / 10P
   40 V low VCEsat NPN transistor
2002 Jun 20
logo
NXP Semiconductors
PBSS4140V PHILIPS-PBSS4140V Datasheet
62Kb / 12P
   40 V low VCEsat NPN transistor
2002 Jun 20
PBSS4240Y PHILIPS-PBSS4240Y Datasheet
52Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
PBSS4140U PHILIPS-PBSS4140U Datasheet
64Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4540Z NEXPERIA-PBSS4540Z Datasheet
359Kb / 10P
   40 V low VCEsat NPN transistor
2001 Nov 14
logo
NXP Semiconductors
PBSS4240V NXP-PBSS4240V Datasheet
344Kb / 9P
   40 V low VCEsat NPN transistor
2003 Jan 30
PBSS4540Z NXP-PBSS4540Z Datasheet
153Kb / 9P
   40 V low VCEsat NPN transistor
2001 Nov 14
logo
Nexperia B.V. All right...
PBSS4240V NEXPERIA-PBSS4240V Datasheet
549Kb / 10P
   40 V low VCEsat NPN transistor
2003 Jan 30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com