Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90866AL Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT90866AL
Description  WAN Access Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90866AL Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT90866AL Datasheet HTML 1Page - Mitel Networks Corporation MT90866AL Datasheet HTML 2Page - Mitel Networks Corporation MT90866AL Datasheet HTML 3Page - Mitel Networks Corporation MT90866AL Datasheet HTML 4Page - Mitel Networks Corporation MT90866AL Datasheet HTML 5Page - Mitel Networks Corporation MT90866AL Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MT90866
Preliminary Information
4
Figure 3 - Carrier Multi-service Access Switch
T1/E1
T3/E3
SONET
ATM
HDSL
T1/E1
T3/E3
SONET
ATM
ISDN
PLL’s
VEC’s
SWITCHING
CPU
DSP’S
RAM
Local Loop Access:
To subscribers/customers
Carrier Data Network Aggregation:
To network/WAN





 Mitel Component




Similar Part No. - MT90866AL

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90866AG ZARLINK-MT90866AG Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
MT90866AG2 ZARLINK-MT90866AG2 Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
More results

Similar Description - MT90866AL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com