Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV25FD-600 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BYV25FD-600
Description  Enhanced ultrafast power diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV25FD-600 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BYV25FD-600_15 Datasheet HTML 3Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 4Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 5Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 6Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 7Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 8Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 9Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 10Page - NXP Semiconductors BYV25FD-600_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BYV25FD-600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 7 March 2011
7 of 12
NXP Semiconductors
BYV25FD-600
Enhanced ultrafast power diode
7.
Package outline
Fig 8.
Package outline SOT428 (DPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
06-02-14
06-03-16
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface-mounted package (DPAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.46
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A


Similar Part No. - BYV25FD-600_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV25FD-600 WEEN-BYV25FD-600 Datasheet
548Kb / 11P
   Enhanced ultrafast power diode
logo
Inchange Semiconductor ...
BYV25FD-600 ISC-BYV25FD-600 Datasheet
286Kb / 2P
   Enhanced ultrafast power diode
2023-8-29
More results

Similar Description - BYV25FD-600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV25F-600 PHILIPS-BYV25F-600_15 Datasheet
299Kb / 11P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV29FX-600 PHILIPS-BYV29FX-600_15 Datasheet
259Kb / 11P
   Enhanced ultrafast power diode
Rev. 5-16 April 2012
logo
WeEn Semiconductors
BYV25F-600 WEEN-BYV25F-600 Datasheet
430Kb / 12P
   Enhanced ultrafast power diode
BYV29FB-600 WEEN-BYV29FB-600 Datasheet
278Kb / 11P
   Enhanced ultrafast power diode
logo
NXP Semiconductors
BYV29F-600 PHILIPS-BYV29F-600 Datasheet
223Kb / 11P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV29F-600 PHILIPS-BYV29F-600_15 Datasheet
223Kb / 11P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV29FB-600 PHILIPS-BYV29FB-600_15 Datasheet
226Kb / 12P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
logo
WeEn Semiconductors
BYV29FX-600 WEEN-BYV29FX-600 Datasheet
371Kb / 11P
   Enhanced ultrafast power diode
logo
NXP Semiconductors
BYV25FB-600 PHILIPS-BYV25FB-600 Datasheet
307Kb / 12P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV25FX-600 NXP-BYV25FX-600 Datasheet
307Kb / 11P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
BYV25FB-600 PHILIPS-BYV25FB-600_15 Datasheet
307Kb / 12P
   Enhanced ultrafast power diode
Rev. 02-7 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com