Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9123 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9123
Description  CMOS Dual Voice Echo Canceller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9123 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9123 Datasheet HTML 1Page - Mitel Networks Corporation MT9123 Datasheet HTML 2Page - Mitel Networks Corporation MT9123 Datasheet HTML 3Page - Mitel Networks Corporation MT9123 Datasheet HTML 4Page - Mitel Networks Corporation MT9123 Datasheet HTML 5Page - Mitel Networks Corporation MT9123 Datasheet HTML 6Page - Mitel Networks Corporation MT9123 Datasheet HTML 7Page - Mitel Networks Corporation MT9123 Datasheet HTML 8Page - Mitel Networks Corporation MT9123 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Preliminary Information
MT9123
8-47
4
ENB2
SSI Enable Strobe / ST-BUS Mode for Sin/Rout (Input). This pin has dual functions
depending on whether SSI or ST-BUS is selected.
For SSI, this is an active high channel enable strobe, 8 or 16 data bits wide, enabling serial
PCM data transfer for Echo Canceller B on Sin/Rout pins. Strobe period is 125 microseconds.
For ST-BUS, this pin, in conjunction with the ENA2 pin, will select the proper ST-BUS mode for
Sin/Rout pins (see ST-BUS Operation description). The selected mode applies to both Echo
Canceller A and B.
5
Rin
Receive PCM Signal Input (Input). 128 kbit/s to 4096 kbit/s serial PCM input stream. Data
may be in either companded or 2’s complement linear format. Two PCM channels are time-
multiplexed on this pin. These are the Receive Input reference channels for Echo Cancellers
A and B. Data bits are clocked in following SSI or ST-BUS timing requirements.
6
Sin
Send PCM Signal Input (Input). 128 kbit/s to 4096 kbit/s serial PCM input stream. Data may
be in either companded or 2’s complement linear format. Two PCM channels are time-
multiplexed on this pin. These are the Send Input channels (after echo path) for Echo
Cancellers A and B. Data bits are clocked in following SSI or ST-BUS timing requirements.
7
VSS
Digital Ground. Nominally 0 volts.
8
MCLK
Master Clock (Input). Nominal 20 MHz Master Clock input. May be connected to an
asynchronous (relative to frame signal) clock source.
9
IC1
Internal Connection 1 (Input). Must be tied to Vss.
10
NLP
Non-Linear Processor Control (Input).
Controllerless Mode: An active high enables the Non-Linear Processors in Echo Cancellers A
and B. Both NLP’s are disabled when low. Intended for conformance testing to G.165 and it is
usually tied to Vdd for normal operation.
Controller Mode: This pin is ignored (tie to Vdd or Vss). The non-linear processor operation is
controlled by the NLPDis bit in Control Register 2. Refer to the Register Summary.
11
IC2
Internal Connection 2 (Input). Must be tied to Vss.
12
LAW
A/
µ Law Select (Input). An active low selects µ−Law companded PCM. When high, selects
A-Law companded PCM. This control is for both echo cancellers and is valid for both
controller and controllerless modes.
13
FORMAT ITU-T/Sign Mag (Input). An active low selects sign-magnitude PCM code. When high,
selects ITU-T (G.711) PCM code. This control is for both echo cancellers and is valid for both
controller and controllerless modes.
14
PWRDN
Power-down (Input). An active low resets the device and puts the MT9123 into a low-power
stand-by mode.
15
IC3
Internal Connection 3 (Output). Must be left unconnected.
16
IC4
Internal Connection 4 (Output). Must be left unconnected.
17/18
17
18
S4/S3
SCLK
CS
Selection of Echo Canceller B Functional States (Input).
Controllerless Mode: Selects Echo Canceller B functional states according to Table 2.
Controller Mode: S4 and S3 pins become SCLK and CS pins respectively.
Serial Port Synchronous Clock (Input). Data clock for the serial microport interface.
Chip Select (Input). Enables serial microport interface data transfers. Active low.
Pin Description (continued)
Pin #
Name
Description


Similar Part No. - MT9123

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AE MITEL-MT9122AE Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AP MITEL-MT9122AP Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
MT9125AE MITEL-MT9125AE Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
More results

Similar Description - MT9123

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com