Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4160DPN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS4160DPN
Description  60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4160DPN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS4160DPN_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 13Page - NXP Semiconductors PBSS4160DPN_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PBSS4160DPN_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 December 2009
10 of 18
NXP Semiconductors
PBSS4160DPN
60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
VCE = −5V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
VCE = −5V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig 13. TR2 (PNP): DC current gain as a function of
collector current; typical values
Fig 14. TR2 (PNP): Base-emitter voltage as a function
of collector current; typical values
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Tamb = 25 °C
(1) IC/IB = 100
(2) IC/IB = 50
(3) IC/IB = 10
Fig 15. TR2 (PNP): Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 16. TR2 (PNP): Collector-emitter saturation
voltage as a function of collector current;
typical values
006aaa474
200
400
600
hFE
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aaa476
−0.6
−0.4
−0.8
−1.0
VBE
(V)
−0.2
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aaa489
IC (mA)
−10−1
−104
−103
−1
−102
−10
−10−1
−1
VCEsat
(V)
−10−2
(3)
(2)
(1)
006aaa490
IC (mA)
−10−1
−104
−103
−1
−102
−10
−10−1
−1
VCEsat
(V)
−10−2
(3)
(2)
(1)


Similar Part No. - PBSS4160DPN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160DPN PHILIPS-PBSS4160DPN Datasheet
120Kb / 14P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01-3 June 2004
logo
Nexperia B.V. All right...
PBSS4160DPN NEXPERIA-PBSS4160DPN Datasheet
380Kb / 19P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
More results

Similar Description - PBSS4160DPN_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4160DPN NEXPERIA-PBSS4160DPN Datasheet
380Kb / 19P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4160PANP NXP-PBSS4160PANP Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160PANP NEXPERIA-PBSS4160PANP Datasheet
337Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
20 December 2017
logo
NXP Semiconductors
PBSS4160PANP PHILIPS-PBSS4160PANP_15 Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
PBSS4160DPN PHILIPS-PBSS4160DPN Datasheet
120Kb / 14P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01-3 June 2004
logo
Nexperia B.V. All right...
PBSS5160QA NEXPERIA-PBSS5160QA Datasheet
743Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T NEXPERIA-PBSS5160T Datasheet
696Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 15 January 2010
logo
NXP Semiconductors
PBSS5160K NXP-PBSS5160K Datasheet
124Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-6 October 2008
PBSS5160K PHILIPS-PBSS5160K Datasheet
125Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-30 June 2005
logo
Nexperia B.V. All right...
PBSS5160U NEXPERIA-PBSS5160U Datasheet
247Kb / 15P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 2 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com