Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9123AP Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT9123AP
Description  CMOS Dual Voice Echo Canceller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9123AP Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT9123AP Datasheet HTML 5Page - Mitel Networks Corporation MT9123AP Datasheet HTML 6Page - Mitel Networks Corporation MT9123AP Datasheet HTML 7Page - Mitel Networks Corporation MT9123AP Datasheet HTML 8Page - Mitel Networks Corporation MT9123AP Datasheet HTML 9Page - Mitel Networks Corporation MT9123AP Datasheet HTML 10Page - Mitel Networks Corporation MT9123AP Datasheet HTML 11Page - Mitel Networks Corporation MT9123AP Datasheet HTML 12Page - Mitel Networks Corporation MT9123AP Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Preliminary Information
MT9123
8-53
Table 3 - Configuration in Controllerless Mode
Controller Mode
In Control Register 1, the Normal configuration can
be programmed by setting both BBM and Extended-
Delay bits to 0. Back-to-Back configuration can be
programmed by setting the BBM bit to 1 and
Extended-Delay
bit
to
0.
Extended-Delay
configuration can be programmed by setting the
Extended-Delay bit to 1 and BBM bit to 0. Both BBM
and Extended-Delay bits in Control Register 1 can
not be set to 1 at the same time.
PCM Data I/O
The PCM data transfer for the MT9123 is provided
through two PCM ports. PORT1 consists of Rin and
Sout pins while PORT2 consists of Sin and Rout Pins.
The
Data
is
transferred
through
these
ports
according to either ST-BUS or SSI conventions. The
device
determines
the
mode
of
operation
by
monitoring the signal applied to the F0i pin. When a
valid ST-BUS frame pulse is applied to the F0i pin,
the MT9123 will assume ST-BUS operation. If F0i is
tied continuously to Vss the MT9123 will assume SSI
operation.
ST-BUS Operation
The ST-BUS PCM interface conforms to Mitel’s ST-
BUS standard and it is used to transport 8 bit
companded PCM data (using one timeslot) or 16 bit
2’s
complement
linear
PCM
data
(using
two
timeslots). Pins ENA1 and ENB1 select timeslots on
PORT1 while pins ENA2 and ENB2 select timeslots
on PORT2. See Table 4 and Figures 5 to 8.
Table 4 - ST-BUS Mode Select
Note that if the device is in back-to-back or extended
delay configurations, the second timeslot in any ST-
BUS Mode contains undefined data. This means that
the following timeslots contain undefined data:
timeslot 1 in ST-BUS Mode 1; timeslot 3 in ST-BUS
Modes 2 & 3 and timeslots 2 and 3 in ST-BUS Mode
4.
SSI Operation
The SSI PCM interface consists of data input pins
(Rin, Sin), data output pins (Sout, Rout), a variable
rate
bit
clock
(BCLK),
and
four
enable
pins
(ENA1,ENB1, ENA2 and ENB2) to provide strobes
for data transfers. The active high enable may be
either 8 or 16 BCLK cycles in duration. Automatic
detection of the data type (8 bit companded or 16 bit
2’s complement linear) is accomplished internally.
The data type cannot change dynamically from one
frame to the next.
In SSI operation, the frame boundary is determined
by the rising edge of the ENA1 enable strobe (see
Figure 9). The other enable strobes (ENB1, ENA2
and ENB2) are used for parsing input/output data
and they must pulse within 125 microseconds of the
rising edge of ENA1. If they are unused, they must
be tied to Vss.
In SSI operation, the enable strobes may be a mixed
combination of 8 or 16 BCLK cycles allowing the
flexibility to mix 2’s complement linear data on one
port (e.g., Rin/Sout) with companded data on the
other port (e.g., Sin/Rout).
CONFIG1
CONFIG2
CONFIGURATION
00
(selects Controller Mode)
0
1
Extended Delay Mode
1
0
Back-to-Back Mode
1
1
Normal Mode
PORT1
Rin/Sout
ST-BUS Mode
Selection
PORT2
Sin/Rout
Enable Pins
Enable Pins
ENB1
ENA1
ENB2
ENA2
00
Mode 1. 8 bit companded PCM I/O on
timeslots 0 & 1.
00
01
Mode 2. 8 bit companded PCM I/O on
timeslots 2 & 3.
01
10
Mode 3. 8 bit companded PCM I/O on
timeslots 2 & 3. Includes D & C chan-
nel bypass in timeslots 0 & 1.
10
11
Mode 4. 16 bit 2’s complement linear
PCM I/O on timeslots 0 - 3.
11


Similar Part No. - MT9123AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AE MITEL-MT9122AE Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AP MITEL-MT9122AP Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
MT9125AE MITEL-MT9125AE Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
More results

Similar Description - MT9123AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com