Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9161BN Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9161BN
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9161BN Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9161BN Datasheet HTML 1Page - Mitel Networks Corporation MT9161BN Datasheet HTML 2Page - Mitel Networks Corporation MT9161BN Datasheet HTML 3Page - Mitel Networks Corporation MT9161BN Datasheet HTML 4Page - Mitel Networks Corporation MT9161BN Datasheet HTML 5Page - Mitel Networks Corporation MT9161BN Datasheet HTML 6Page - Mitel Networks Corporation MT9161BN Datasheet HTML 7Page - Mitel Networks Corporation MT9161BN Datasheet HTML 8Page - Mitel Networks Corporation MT9161BN Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Advance Information
MT9160B/61B
81
13
15
STB/F0i
Data Strobe/Frame Pulse (Input). For SSI mode this input determines the 8 bit
timeslot used by the device for both transmit and receive data. This active high
signal has a repetition rate of 8 kHz. Standard frame pulse definitions apply in
ST-BUS mode (refer to figure 11). CMOS level compatible input.
16
(MT9161B
only)
STBd/
FOod
Delayed Frame Pulse Output. In SSI mode, an 8 bit wide strobe is output after the
first strobe goes low. In ST-BUS mode, a frame pulse is output 4 channel time slots
after /F0i.
14
17
CLOCKin Clock (Input). The clock provided to this input pin is used for the internal device
functions. For SSI mode connect the bit clock to this pin when it is 512 kHz or
greater. Connect a 4096 kHz clock to this input when the available bit clock is 128
kHz or 256 kHz. For ST-BUS mode connect C4i to this pin. CMOS level compatible.
15
18
VDD
Positive Power Supply (Input). Nominally 5 volts.
16
19
HSPKR-
Inverting Handset Speaker (Output). Output to the handset speaker (balanced).
17
20
HSPKR+ Non-Inverting Handset Speaker (Output). Output to the handset speaker
(balanced).
18
22
VSSA
Analog Ground (Input). Nominally 0 volts.
19
23
M-
Inverting Microphone (Input). Inverting input to microphone amplifier from the
handset microphone.
20
24
M+
Non-Inverting Microphone (Input). Non-inverting input to microphone amplifier
from the handset microphone.
3,9,
16,21
NC
No Connect. (24 Pin Packages only). Pin 16 is NC for MT9160B.
Pin Description (continued)
Pin #
20 Pin
Pin #
24 Pin
Name
Description
Overview
The
5V
Multi-featured
Codec
(MFC)
features
complete
Analog/Digital
and
Digital/Analog
conversion of audio signals (Filter/Codec) and an
analog interface to a standard handset transmitter
and receiver (Transducer Interface). The receiver
amplifier is capable of driving a 300 ohm load.
Each of the programmable parameters within the
functional blocks is accessed through a serial
microcontroller port compatible with Intel MCS-51®,
Motorola
SPI®
and
National
Semiconductor
Microwire®
specifications.
These
parameters
include: gain control, power down, mute, B-Channel
select (ST-BUS mode), C&D channel control/access,
law
control,
digital
interface
programming
and
loopback. Optionally the device may be used in a
controllerless mode utilizing the power-on default
settings.
Functional Description
Filter/Codec
The Filter/Codec block implements conversion of the
analog 0-3.3 kHz speech signals to/from the digital
domain compatible with 64 kb/s PCM B-Channels.
Selection of companding curves and digital code
assignment are programmable. These are ITU-T
G.711 A-law or
µ-Law, with true-sign/Alternate Digit
Inversion or true-sign/Inverted Magnitude coding,
respectively. Optionally, sign-magnitude coding may
also be selected for proprietary applications.
The Filter/Codec block also implements transmit and
receive audio path gains in the analog domain. A
programmable gain, voice side-tone path is also
included to provide proportional transmit speech
feedback to the handset receiver. This side tone path
feature is disabled by default. Figure 3 depicts the
nominal half-channel and side-tone gains for the
MT9160B/61B.


Similar Part No. - MT9161BN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9161BN ZARLINK-MT9161BN Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT9161BN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
logo
Zarlink Semiconductor I...
MT9162 ZARLINK-MT9162 Datasheet
569Kb / 22P
   5 Volt Single Rail Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com