Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATP602 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ATP602
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP602 Datasheet(HTML) 4 Page - ON Semiconductor

  ATP602 Datasheet HTML 1Page - ON Semiconductor ATP602 Datasheet HTML 2Page - ON Semiconductor ATP602 Datasheet HTML 3Page - ON Semiconductor ATP602 Datasheet HTML 4Page - ON Semiconductor ATP602 Datasheet HTML 5Page - ON Semiconductor ATP602 Datasheet HTML 6Page - ON Semiconductor ATP602 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATP602
No. A1543-4/7
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
A S O
VGS -- Qg
PD -- Tc
EAS -- Ta
Ambient Temperature, Ta --
°C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT10478
IT16934
0.01
0.1
2
3
5
7
2
1.0
3
5
7
2
1.0
10
μs
100
μs
10
100
1000
23
5 7
23
5 7
7
23
5
10
3
5
7
3
2
016
14
812
46
10
2
3
10
0
1
4
IT14908
8
9
5
6
7
2
ID=5A
VDS=200V
ID=5A
Operation in
this area is
limited by RDS(on).
IDP=15A (PW≤10μs)
0
0
20
40
60
80
100
140
120
40
50
60
70
30
20
10
80
160
IT14910
Tc=25
°C
Single pulse


Similar Part No. - ATP602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP602 SANYO-ATP602 Datasheet
287Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ATP602-TL-H SANYO-ATP602-TL-H Datasheet
462Kb / 7P
   General-Purpose Switching Device Applications
ATP602 SANYO-ATP602_12 Datasheet
462Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP602

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com